Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDU3C-60MC2 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # MDU3C-60MC2
Description  TRIPLE, HCMOS-INTERFACED FIXED DELAY LINE (SERIES MDU3C)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

MDU3C-60MC2 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  MDU3C-60MC2 Datasheet HTML 1Page - Data Delay Devices, Inc. MDU3C-60MC2 Datasheet HTML 2Page - Data Delay Devices, Inc. MDU3C-60MC2 Datasheet HTML 3Page - Data Delay Devices, Inc. MDU3C-60MC2 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MDU3C
Doc #97039
DATA DELAY DEVICES, INC.
2
12/12/97
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
APPLICATION NOTES
HIGH FREQUENCY RESPONSE
The MDU3C tolerances are guaranteed for input
pulse widths and periods greater than those
specified in the test conditions. Although the
device will function properly for pulse widths as
small as 100% of the total delay and periods as
small as 200% of the total delay (for a symmetric
input), the delays may deviate from their values at
low frequency. However, for a given input
condition, the deviation will be repeatable from
pulse to pulse. Contact technical support at Data
Delay Devices if your application requires device
testing at a specific input condition.
POWER SUPPLY BYPASSING
The MDU3C relies on a stable power supply to
produce repeatable delays within the stated
tolerances. A 0.1uf capacitor from VDD to GND,
located as close as possible to the VDD pin, is
recommended. A wide VDD trace and a clean
ground plane should be used.
DEVICE SPECIFICATIONS
TABLE 1: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 2: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
High Level Output Voltage
VOH
3.98
4.4
V
VDD = 5.0, IOH = MAX
VIH = MIN, VIL = MAX
Low Level Output Voltage
VOL
0.15
0.26
V
VDD = 5.0, IOL = MAX
VIH = MIN, VIL = MAX
High Level Output Current
IOH
-4.0
mA
Low Level Output Current
IOL
4.0
mA
High Level Input Voltage
VIH
3.15
V
Low Level Input Voltage
VIL
1.35
V
Input Current
IIH
0.10
µA
VDD = 5.0


Similar Part No. - MDU3C-60MC2

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU3601 MGCHIP-MDU3601 Datasheet
1,021Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -85A, 2.9m(ohm)
MDU3601VRH MGCHIP-MDU3601VRH Datasheet
1,021Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -85A, 2.9m(ohm)
MDU3603 MGCHIP-MDU3603 Datasheet
738Kb / 7P
   Single P-Channel Trench MOSFET, -30V, -67A, 9.1m(ohm)
MDU3603RH MGCHIP-MDU3603RH Datasheet
738Kb / 7P
   Single P-Channel Trench MOSFET, -30V, -67A, 9.1m(ohm)
logo
VBsemi Electronics Co.,...
MDU3603RH VBSEMI-MDU3603RH Datasheet
986Kb / 7P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - MDU3C-60MC2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
MDU28C DATADELAY-MDU28C Datasheet
47Kb / 4P
   DUAL, HCMOS-INTERFACED FIXED DELAY LINE
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
MDU13H DATADELAY-MDU13H Datasheet
35Kb / 4P
   TRIPLE, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU13H)
DDU222C DATADELAY-DDU222C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU222C)
SMD99C DATADELAY-SMD99C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
DDU4C DATADELAY-DDU4C Datasheet
55Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU4C)
DDU66C DATADELAY-DDU66C Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
MDU14 DATADELAY-MDU14 Datasheet
37Kb / 4P
   QUAD, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU14)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com