Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9101C59AKR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9101C59AKR
Description  PWM Controlled Step-Up DC/DC Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9101C59AKR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9101C59AKR Datasheet HTML 7Page - Torex Semiconductor XC9101C59AKR Datasheet HTML 8Page - Torex Semiconductor XC9101C59AKR Datasheet HTML 9Page - Torex Semiconductor XC9101C59AKR Datasheet HTML 10Page - Torex Semiconductor XC9101C59AKR Datasheet HTML 11Page - Torex Semiconductor XC9101C59AKR Datasheet HTML 12Page - Torex Semiconductor XC9101C59AKR Datasheet HTML 13Page - Torex Semiconductor XC9101C59AKR Datasheet HTML 14Page - Torex Semiconductor XC9101C59AKR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
GFunctional Settings
1. Soft Start
CE and soft start (SS) functions are commonly assigned to the CE/SS pin. The soft start function is effective until the voltage at the CE pin
reaches approximately 1.55 V rising from 0 V. Soft start time is approximated by the equation below according to values of Vcont, Rss, and
Css.
T = -Css
× Rss × ln((Vcont - 1.55)/Vcont)
Example: When CSS = 0.1
µF, RSS = 470 kΩ, and Vcont = 5 V, T = -0.1 e-6 × 470 e3 × ln ((5 - 1.55)/5) = 17.44 ms.
Set the soft start time to a value sufficiently longer than the period of a clock pulse.
> Circuit example 1: N-ch open drain
> Circuit example 2: CMOS logic (low current dissipation)
> Circuit example 3: CMOS logic (low current dissipation), quick off
CE/SS pin
[Inside the IC]
Vcont
Css
CE,
UVLO
Vref
circuit
To Verr amplifier
Rss
CE/SS pin
[Inside the IC]
Css
Rss
ON/OFF signal
Vcont
CE/SS pin
[Inside the IC]
Css
Rss
ON/OFF signal
Vcont
CE/SS pin
[Inside the IC]
Css
Rss
ON/OFF signal
Vcont
XC9101
Series
397
4
04S_01XC9101/9102新規 02.09.12 14:38 ページ 397


Similar Part No. - XC9101C59AKR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC9101C59AKR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com