Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU53-1200C3 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # PDU53-1200C3
Description  3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU53)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU53-1200C3 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  PDU53-1200C3 Datasheet HTML 1Page - Data Delay Devices, Inc. PDU53-1200C3 Datasheet HTML 2Page - Data Delay Devices, Inc. PDU53-1200C3 Datasheet HTML 3Page - Data Delay Devices, Inc. PDU53-1200C3 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PDU53
3-BIT, ECL-INTERFACED
PROGRAMMABLE DELAY LINE
(SERIES PDU53)
data
delay
devices, inc.
3
FEATURES
PACKAGES
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
N/C
N/C
GND
OUT
N/C
N/C
N/C
N/C
IN
A2
A1
VEE
A0
N/C
N/C
N/C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
N/C
N/C
GND
OUT
N/C
N/C
N/C
N/C
IN
A2
A1
VEE
A0
N/C
N/C
N/C
Digitally programmable in 8 delay steps
Monotonic delay-versus-address variation
Precise and stable delays
Input & outputs fully 100K-ECL interfaced & buffered
Available in 16-pin DIP (600 mil) socket or SMD
PDU53-xx
DIP
PDU53-xxM Military DIP
PDU53-xxC3
SMD
PDU53-xxMC3 Mil SMD
FUNCTIONAL DESCRIPTION
The PDU53-series device is a 3-bit digitally programmable delay line. The
delay, TDA, from the input pin (IN) to the output pin (OUT) depends on the
address code (A2-A0) according to the following formula:
TDA = TD0 + TINC * A
where A is the address code, TINC is the incremental delay of the device,
and TD0 is the inherent delay of the device. The incremental delay is
specified by the dash number of the device and can range from 100ps through 3000ps, inclusively. The
address is not latched and must remain asserted during normal operation.
PIN DESCRIPTIONS
IN
Signal Input
OUT Signal Output
A2
Address Bit 2
A1
Address Bit 1
A0
Address Bit 0
VEE
-5 Volts
GND Ground
SERIES SPECIFICATIONS
Total programmed delay tolerance: 5% or 40ps,
whichever is greater
Inherent delay (TD0): 2.2ns typical
Address to input setup (TAIS): 2.9ns
Operating temperature: 0
° to 85° C
Temperature coefficient: 100PPM/
°C (excludes TD0)
Supply voltage VEE: -5VDC ± 0.7V
Power Supply Current: -150ma typical (50
Ω to -2V)
Minimum pulse width: 3ns or 15% of total delay,
whichever is greater
Minimum period: 8ns or 2 x pulse width, whichever
is greater
DASH NUMBER SPECIFICATIONS
Part
Number
Incremental Delay
Per Step (ps)
Total Delay
Change (ns)
PDU53-100
100
± 50
0.70
PDU53-200
200
± 60
1.40
PDU53-250
250
± 60
1.75
PDU53-400
400
± 80
2.80
PDU53-500
500
± 100
3.50
PDU53-750
750
± 100
5.25
PDU53-1000
1000
± 200
7.00
PDU53-1200
1200
± 200
8.40
PDU53-1500
1500
± 200
10.50
PDU53-2000
2000
± 400
14.00
PDU53-2500
2500
± 400
17.50
PDU53-3000
3000
± 500
21.00
NOTE: Any dash number between 100 and 3000
not shown is also available.
TOAX
PWIN
TDA
PWOUT
A2-A0
IN
OUT
Figure 1: Timing Diagram
A i-1
Ai
TAIS
1997 Data Delay Devices
Doc #98003
DATA DELAY DEVICES, INC.
1
3/18/98
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - PDU53-1200C3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU54 DATADELAY-PDU54 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
PDU54-100 DATADELAY-PDU54-100 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
PDU54-1000 DATADELAY-PDU54-1000 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
PDU54-1000C4 DATADELAY-PDU54-1000C4 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
PDU54-1000M DATADELAY-PDU54-1000M Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
More results

Similar Description - PDU53-1200C3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU108H DATADELAY-PDU108H Datasheet
41Kb / 5P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU108H)
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU1032H DATADELAY-PDU1032H Datasheet
260Kb / 5P
   5-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1032H)
PDU1064H DATADELAY-PDU1064H Datasheet
42Kb / 5P
   6-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1064H)
PD10256H DATADELAY-PD10256H Datasheet
286Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU54 DATADELAY-PDU54 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
MDU14 DATADELAY-MDU14 Datasheet
37Kb / 4P
   QUAD, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU14)
MDU12H DATADELAY-MDU12H Datasheet
35Kb / 4P
   DUAL, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU12H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com