Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7C1359A-133 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # 7C1359A-133
Description  256K x 18 Synchronous-Pipelined Cache Tag RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

7C1359A-133 Datasheet(HTML) 1 Page - Cypress Semiconductor

  7C1359A-133 Datasheet HTML 1Page - Cypress Semiconductor 7C1359A-133 Datasheet HTML 2Page - Cypress Semiconductor 7C1359A-133 Datasheet HTML 3Page - Cypress Semiconductor 7C1359A-133 Datasheet HTML 4Page - Cypress Semiconductor 7C1359A-133 Datasheet HTML 5Page - Cypress Semiconductor 7C1359A-133 Datasheet HTML 6Page - Cypress Semiconductor 7C1359A-133 Datasheet HTML 7Page - Cypress Semiconductor 7C1359A-133 Datasheet HTML 8Page - Cypress Semiconductor 7C1359A-133 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
256K x 18 Synchronous-Pipelined Cache Tag RAM
CY7C1359A/GVT71256T18
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05120 Rev. **
Revised September 13, 2001
327
Features
• Fast match times: 3.5, 3.8, 4.0 and 4.5 ns
• Fast clock speed: 166, 150, 133, and 100 MHz
•Fast OE access times: 3.5, 3.8, 4.0 and 5.0 ns
• Pipelined data comparator
• Data input register load control by DEN
• Optimal for depth expansion (one cycle chip deselect
to eliminate bus contention)
• 3.3V –5% and +10% core power supply
• 2.5V or 3.3V I/O supply
• 5V tolerant inputs except I/Os
• Clamp diodes to VSS at all inputs and outputs
• Common data inputs and data outputs
• JTAG boundary scan
• Byte Write Enable and Global Write control
• Three chip enables for depth expansion and address
pipeline
• Address, data, and control registers
• Internally self-timed Write Cycle
• Burst control pins (interleaved or linear burst se-
quence)
• Automatic power-down for portable applications
• Low-profile JEDEC standard 100-pin TQFP package
Functional Description
The Cypress Synchronous Burst SRAM family employs
high-speed, low power CMOS designs using advanced tri-
ple-layer polysilicon, double-layer metal technology. Each
memory cell consists of four transistors and two high valued
resistors.
All synchronous inputs are gated by registers controlled by a
positive-edge-triggered Clock Input (CLK). The synchronous
inputs include all addresses, all data inputs, address-pipelin-
ing Chip Enable (CE), depth-expansion Chip Enables (CE2
and CE2), Burst Control Inputs (ADSC, ADSP, and ADV), Write
Enables (WEL, WEH, and BWE), Global Write (GW), and Data
Input Enable (DEN).
Asynchronous inputs include the Burst Mode Control (MODE),
the Output Enable (OE) and the Match Output Enable (MOE).
The data outputs (Q) and Match Output (MATCH), enabled by
OE and MOE respectively, are also asynchronous.
Addresses and chip enables are registered with either Ad-
dress Status Processor (ADSP) or Address status Controller
(ADSC) input pins. Subsequent burst addresses can be inter-
nally generated as controlled by the Burst Advance pin (ADV).
Data inputs are registered with Data Input Enable (DEN) and
chip enable pins (CE, CE2, and CE2). The outputs of the data
input registers are compared with data in the memory array
and a match signal is generated. The match output is gated
into a pipeline register and released to the match output pin at
the next rising edge of Clock (CLK).
Address, data inputs, and write controls are registered on-chip
to initiate self-timed WRITE cycle. WRITE cycles can be one
to two bytes wide as controlled by the write control inputs. In-
dividual byte write allows individual byte to be written. WEL
controls DQ1–DQ9. WEH controls DQ10–DQ18. WEL and
WEH can be active only with BWE being LOW. GW being LOW
causes all bytes to be written.
The CY7C1359C/GVT71256T18 operates from a +3.3V pow-
er supply with output power supply being +2.5V or +3.3V. All
inputs and outputs are LVTTL compatible. The device is ideally
suited for address tag RAM for up to 8 MB secondary cache.
Selection Guide
7C1359A-166
71256T36-6
7C1359A-150
71256T36-6.7
7C1359A-133
71256T36-7.5
7C1359A-100
71256T36-10
Maximum Access Time (ns)
3.5
3.8
4.0
4.5
Maximum Operating Current (mA)
310
275
250
190
Maximum CMOS Standby Current (mA)
20
20
20
20


Similar Part No. - 7C1359A-133

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
7C1351-40 CYPRESS-7C1351-40 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
7C1351-50 CYPRESS-7C1351-50 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
7C1351-66 CYPRESS-7C1351-66 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
More results

Similar Description - 7C1359A-133

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
GSI Technology
GS841E18AT GSI-GS841E18AT Datasheet
600Kb / 21P
   256K x 18 Sync Cache Tag
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118AT GSI-GS84118AT Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com