Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU13F-15B2 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # PDU13F-15B2
Description  3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU13F)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU13F-15B2 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  PDU13F-15B2 Datasheet HTML 1Page - Data Delay Devices, Inc. PDU13F-15B2 Datasheet HTML 2Page - Data Delay Devices, Inc. PDU13F-15B2 Datasheet HTML 3Page - Data Delay Devices, Inc. PDU13F-15B2 Datasheet HTML 4Page - Data Delay Devices, Inc. PDU13F-15B2 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PDU13F
Doc #97001
DATA DELAY DEVICES, INC.
3
3/25/04
3 Mt. Prospect Ave. Clifton, NJ 07013
DEVICE SPECIFICATIONS
TABLE 1: AC CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
UNITS
Total Programmable Delay
TDT
7
TINC
Inherent Delay
TD0
6.0
ns
Output Skew
TSKEW
1.5
ns
Disable to Output Low Delay
TDISO
6.0
ns
Address to Enable Setup Time
TAENS
2.0
ns
Address to Input Setup Time
TAIS
6.0
ns
Enable to Input Setup Time
TENIS
6.0
ns
Output to Address Change
TOAX
See Text
Disable Hold Time
TDISH
See Text
Absolute
PERIN
20
% of TDT
Input Period
Suggested
PERIN
50
% of TDT
Recommended
PERIN
200
% of TDT
Absolute
PWIN
10
% of TDT
Input Pulse Width
Suggested
PWIN
25
% of TDT
Recommended
PWIN
100
% of TDT
TABLE 2: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VCC
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 3: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
High Level Output Voltage
VOH
2.5
3.4
V
VCC = MIN, IOH = MAX
VIH = MIN, VIL = MAX
Low Level Output Voltage
VOL
0.35
0.5
V
VCC = MIN, IOL = MAX
VIH = MIN, VIL = MAX
High Level Output Current
IOH
-1.0
mA
Low Level Output Current
IOL
20.0
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
Input Clamp Voltage
VIK
-1.2
V
VCC = MIN, II = IIK
Input Current at Maximum
Input Voltage
IIHH
0.1
mA
VCC = MAX, VI = 7.0V
High Level Input Current
IIH
20
µA
VCC = MAX, VI = 2.7V
Low Level Input Current
IIL
-0.6
mA
VCC = MAX, VI = 0.5V
Short-circuit Output Current
IOS
-60
-150
mA
VCC = MAX
Output High Fan-out
25
Unit
Output Low Fan-out
12.5
Load


Similar Part No. - PDU13F-15B2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU138 DATADELAY-PDU138 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU138-1 DATADELAY-PDU138-1 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU138-10 DATADELAY-PDU138-10 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU138-12 DATADELAY-PDU138-12 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU138-15 DATADELAY-PDU138-15 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
More results

Similar Description - PDU13F-15B2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU138 DATADELAY-PDU138 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU108H DATADELAY-PDU108H Datasheet
41Kb / 5P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU108H)
PDU53 DATADELAY-PDU53 Datasheet
250Kb / 4P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU53)
PDU14F DATADELAY-PDU14F Datasheet
58Kb / 5P
   4-BIT PROGRAMMABLE DELAY LINE
PDU15F DATADELAY-PDU15F Datasheet
50Kb / 5P
   5-BIT PROGRAMMABLE DELAY LINE
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
PDU16F DATADELAY-PDU16F Datasheet
49Kb / 5P
   6-BIT PROGRAMMABLE DELAY LINE (SERIES PDU16F)
PDU17F DATADELAY-PDU17F Datasheet
43Kb / 5P
   7-BIT PROGRAMMABLE DELAY LINE (SERIES PDU17F)
logo
Rhombus Industries Inc.
PLDM4-0.5 RHOMBUS-IND-PLDM4-0.5 Datasheet
29Kb / 1P
   3-Bit Programmable Delay Modules
PECL3-0.5 RHOMBUS-IND-PECL3-0.5_1 Datasheet
29Kb / 1P
   3-Bit Programmable Delay Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com