Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLBM-CH122 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DLBM-CH122
Description  Bluetooth Module Class 2
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DLBM-CH122 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DLBM-CH122 Datasheet HTML 1Page - Delta Electronics, Inc. DLBM-CH122 Datasheet HTML 2Page - Delta Electronics, Inc. DLBM-CH122 Datasheet HTML 3Page - Delta Electronics, Inc. DLBM-CH122 Datasheet HTML 4Page - Delta Electronics, Inc. DLBM-CH122 Datasheet HTML 5Page - Delta Electronics, Inc. DLBM-CH122 Datasheet HTML 6Page - Delta Electronics, Inc. DLBM-CH122 Datasheet HTML 7Page - Delta Electronics, Inc. DLBM-CH122 Datasheet HTML 8Page - Delta Electronics, Inc. DLBM-CH122 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Preliminary
DLBM-CH122
Data Sheet
May 19, 2005
Proprietary Information and Specifications are Subject to Change
7.RF Characteristics
Operating Condition: +25℃, VDD=2.7V
RF Characteristics
Min.
Typ.
Max.
Unit
1. Frequency Range
2400 ~ 2483.5
MHz
2. Output Power
0
4
dBm
3. Sensitivity at 0.1% BER
1) 2402MHz
-82
dBm
2) 2441MHz
-82
dBm
3) 2480MHz
-82
dBm
4. Maximum Input Level (BER≦0.1%)
3
dBm
5. Adjacent channel selectivity
1) C/I F=F0 + 1MHz
-4
0
dB
2) C/I F=F0 - 1MHz
-4
0
dB
3) C/I F=F0 + 2MHz
-35
-30
dB
4) C/I F=F0 - 2MHz
-21
-20
dB
5) C/I F≧F0 + 3MHz
-45
dB
6) C/I F≦F0 - 5MHz
-45
dB
7) C/I F=FImage
-18
-9
dB
6. Adjacent channel transmit power
1) F=F0 ± 2MHz
-35
dBc
2) F=F0 ± 3MHz
-55
dBc
7. Modulation Characteristics
1) Modulation Δf1avg
165
kHz
2) Modulation Δf2max
155
-
kHz
8. Initial Carrier Frequency Tolerance
1) 2402MHz
-75
-3
75
kHz
2) 2441MHz
-75
-7
75
kHz
3) 2480MHz
-75
-14
75
kHz


Similar Part No. - DLBM-CH122

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DLBM-CH120 DELTA-DLBM-CH120 Datasheet
353Kb / 40P
   Bluetooth Module Class 2
More results

Similar Description - DLBM-CH122

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DLBM-CF120 DELTA-DLBM-CF120 Datasheet
246Kb / 13P
   Bluetooth Module Class 2
logo
List of Unclassifed Man...
F2M03C2 ETC2-F2M03C2 Datasheet
765Kb / 46P
   Class 2 Bluetooth??Module
logo
STMicroelectronics
GS-BT2416C2 STMICROELECTRONICS-GS-BT2416C2 Datasheet
237Kb / 10P
   Bluetooth Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CM22A DELTA-DFBM-CM22A Datasheet
356Kb / 9P
   Bluetooth Module Class 2
DLBM-CH120 DELTA-DLBM-CH120 Datasheet
353Kb / 40P
   Bluetooth Module Class 2
logo
Panasonic Semiconductor
ENW89815C3KF PANASONIC-ENW89815C3KF Datasheet
667Kb / 33P
   CLASS 2 BLUETOOTH MODULE
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
logo
STMicroelectronics
SPBT2532C2AT STMICROELECTRONICS-SPBT2532C2AT Datasheet
909Kb / 48P
   Bluetooth technology class-2 module
logo
HANAMICRON
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
   Bluetooth V2.0 EDR Class 2 Module
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com