Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU13F-3B2 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # PDU13F-3B2
Description  3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU13F)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU13F-3B2 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  PDU13F-3B2 Datasheet HTML 1Page - Data Delay Devices, Inc. PDU13F-3B2 Datasheet HTML 2Page - Data Delay Devices, Inc. PDU13F-3B2 Datasheet HTML 3Page - Data Delay Devices, Inc. PDU13F-3B2 Datasheet HTML 4Page - Data Delay Devices, Inc. PDU13F-3B2 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PDU13F
3-BIT PROGRAMMABLE
DELAY LINE
(SERIES PDU13F)
data
delay
devices, inc.
3
FEATURES
PACKAGES
Digitally programmable in 8 delay steps
14
13
12
11
10
9
8
1
2
3
4
5
6
7
IN
N/C
N/C
OUT
OUT/
EN/
GND
VCC
N/C
N/C
N/C
A0
A1
A2
PDU13F-xx
DIP
PDU13F-xxA2 Gull-Wing
PDU13F-xxB2 J-Lead
PDU13F-xxM Military DIP
PDU13F-xxMC3
Military Gull-Wing
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN
N/C
N/C
N/C
OUT
OUT/
EN/
GND
VCC
N/C
N/C
N/C
A0
A1
A2
N/C
Monotonic delay-versus-address variation
Two separate outputs: inverting & non-inverting
Precise and stable delays
Input & outputs fully TTL interfaced & buffered
10 T
2L fan-out capability
Fits standard 14-pin DIP socket
Auto-insertable
FUNCTIONAL DESCRIPTION
The PDU13F-series device is a 3-bit digitally programmable delay line.
The delay, TDA, from the input pin (IN) to the output pins (OUT, OUT/)
depends on the address code (A2-A0) according to the following formula:
TDA = TD0 + TINC * A
where A is the address code, TINC is the incremental delay of the device,
and TD0 is the inherent delay of the device. The incremental delay is
specified by the dash number of the device and can range from 0.5ns
through 50ns, inclusively. The enable pin (EN/) is held LOW during
normal operation. When this signal is brought HIGH, OUT and OUT/ are forced into LOW and HIGH
states, respectively. The address is not latched and must remain asserted during normal operation.
PIN DESCRIPTIONS
IN
Delay Line Input
OUT Non-inverted Output
OUT/ Inverted Output
A2
Address Bit 2
A1
Address Bit 1
A0
Address Bit 0
EN/
Output Enable
VCC +5 Volts
GND Ground
SERIES SPECIFICATIONS
DASH NUMBER SPECIFICATIONS
Part
Number
Incremental Delay
Per Step (ns)
Total Delay
Change (ns)
PDU13F-.5
.5
± .3
3.5
± 1.0
PDU13F-1
1
± .4
7
± 1.0
PDU13F-2
2
± .4
14
± 1.0
PDU13F-3
3
± .5
21
± 1.1
PDU13F-5
5
± .6
35
± 1.8
PDU13F-10
10
± 1.0
70
± 3.5
PDU13F-15
15
± 1.3
105
± 5.3
PDU13F-20
20
± 1.5
140
± 7.0
PDU13F-40
40
± 2.0
280
± 14.0
PDU13F-50
50
± 2.5
350
± 17.5
NOTE: Any dash number between .5 and 50 not
shown is also available.
Total programmed delay tolerance: 5% or 1ns,
whichever is greater
Inherent delay (TD0): 6ns typical (OUT)
5.5ns typical (OUT/)
Setup time and propagation delay:
Address to input setup (TAIS):
6ns
Disable to output delay (TDISO): 6ns typ. (OUT)
Operating temperature: 0
° to 70° C
Temperature coefficient: 100PPM/
°C (excludes TD0)
Supply voltage VCC: 5VDC ± 5%
Supply current:
ICCH = 45ma
ICCL = 20ma
Minimum pulse width: 20% of total delay
2004 Data Delay Devices
Doc #97001
DATA DELAY DEVICES, INC.
1
3/25/04
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - PDU13F-3B2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU138 DATADELAY-PDU138 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU138-1 DATADELAY-PDU138-1 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU138-10 DATADELAY-PDU138-10 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU138-12 DATADELAY-PDU138-12 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU138-15 DATADELAY-PDU138-15 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
More results

Similar Description - PDU13F-3B2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU138 DATADELAY-PDU138 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU108H DATADELAY-PDU108H Datasheet
41Kb / 5P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU108H)
PDU53 DATADELAY-PDU53 Datasheet
250Kb / 4P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU53)
PDU14F DATADELAY-PDU14F Datasheet
58Kb / 5P
   4-BIT PROGRAMMABLE DELAY LINE
PDU15F DATADELAY-PDU15F Datasheet
50Kb / 5P
   5-BIT PROGRAMMABLE DELAY LINE
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
PDU16F DATADELAY-PDU16F Datasheet
49Kb / 5P
   6-BIT PROGRAMMABLE DELAY LINE (SERIES PDU16F)
PDU17F DATADELAY-PDU17F Datasheet
43Kb / 5P
   7-BIT PROGRAMMABLE DELAY LINE (SERIES PDU17F)
logo
Rhombus Industries Inc.
PLDM4-0.5 RHOMBUS-IND-PLDM4-0.5 Datasheet
29Kb / 1P
   3-Bit Programmable Delay Modules
PECL3-0.5 RHOMBUS-IND-PECL3-0.5_1 Datasheet
29Kb / 1P
   3-Bit Programmable Delay Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com