Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDU13H-3M Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # MDU13H-3M
Description  TRIPLE, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU13H)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

MDU13H-3M Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  MDU13H-3M Datasheet HTML 1Page - Data Delay Devices, Inc. MDU13H-3M Datasheet HTML 2Page - Data Delay Devices, Inc. MDU13H-3M Datasheet HTML 3Page - Data Delay Devices, Inc. MDU13H-3M Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MDU13H
Doc #97037
DATA DELAY DEVICES, INC.
1
12/11/97
3 Mt. Prospect Ave. Clifton, NJ 07013
TRIPLE, ECL-INTERFACED
FIXED DELAY LINE
(SERIES MDU13H)
FEATURES
PACKAGES
Three independent delay lines
Fits standard 16-pin DIP socket
Auto-insertable
Input & outputs fully 10KH-ECL interfaced & buffered
FUNCTIONAL DESCRIPTION
The MDU13H-series device is a 3-in-1 digitally buffered delay line. The
signal inputs (I1-I3) are reproduced at the outputs (O1-O3), shifted in time
by an amount determined by the device dash number (See Table). The
delay lines function completely independently of each other.
SERIES SPECIFICATIONS
Minimum input pulse width: 50% of total delay
Output rise time: 2ns typical
Supply voltage:
-5VDC
± 5%
Power dissipation: 200mw typical (no load)
Operating temperature: -30
° to 85° C
Temp. coefficient of total delay: 100 PPM/
°C
100%
VCC
GND
I1
I2
I3
Functional block diagram
100%
100%
O3
O2
O1
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
N/C
N/C
N/C
I1
I2
I3
VEE
GND
O1
O2
O3
N/C
N/C
N/C
N/C
16
15
14
13
1
5
6
7
8
GND
I1
I2
I3
VEE
GND
O1
O2
O3
MDU13H-xx
DIP
MDU13H-xxM Military DIP
MDU13H-xxC3
SMD
MDU13H-xxMC3 Mil SMD
PIN DESCRIPTIONS
I1-I3
Signal Inputs
O1-O3 Signal Outputs
VEE
-5 Volts
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Delay Per
Line (ns)
MDU13H-3
3
± 1.0
MDU13H-4
4
± 1.0
MDU13H-5
5
± 1.0
MDU13H-10
10
± 1.0
MDU13H-15
15
± 1.0
MDU13H-20
20
± 1.0
MDU13H-25
25
± 2.0
MDU13H-30
30
± 2.0
MDU13H-35
35
± 2.0
MDU13H-40
40
± 2.0
MDU13H-45
45
± 2.2
MDU13H-50
50
± 2.5
* Total delay is referenced to first tap output
Input to first tap = 1.5ns
±± 1ns
NOTE: Any dash number between 3 and 50
not shown is also available.


Similar Part No. - MDU13H-3M

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MDU1-40-1AD SLPOWER-MDU1-40-1AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-40-2AD SLPOWER-MDU1-40-2AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-40-3AD SLPOWER-MDU1-40-3AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-40-4AD SLPOWER-MDU1-40-4AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-40-5AD SLPOWER-MDU1-40-5AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
More results

Similar Description - MDU13H-3M

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
MDU14 DATADELAY-MDU14 Datasheet
37Kb / 4P
   QUAD, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU14)
MDU12H DATADELAY-MDU12H Datasheet
35Kb / 4P
   DUAL, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU12H)
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
DDU12H DATADELAY-DDU12H Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
MDU3C DATADELAY-MDU3C Datasheet
47Kb / 4P
   TRIPLE, HCMOS-INTERFACED FIXED DELAY LINE (SERIES MDU3C)
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
MDU28C DATADELAY-MDU28C Datasheet
47Kb / 4P
   DUAL, HCMOS-INTERFACED FIXED DELAY LINE
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com