Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6376CXX2SL Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6376CXX2SL
Description  PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6376CXX2SL Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6376CXX2SL Datasheet HTML 7Page - Torex Semiconductor XC6376CXX2SL Datasheet HTML 8Page - Torex Semiconductor XC6376CXX2SL Datasheet HTML 9Page - Torex Semiconductor XC6376CXX2SL Datasheet HTML 10Page - Torex Semiconductor XC6376CXX2SL Datasheet HTML 11Page - Torex Semiconductor XC6376CXX2SL Datasheet HTML 12Page - Torex Semiconductor XC6376CXX2SL Datasheet HTML 13Page - Torex Semiconductor XC6376CXX2SL Datasheet HTML 14Page - Torex Semiconductor XC6376CXX2SL Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
XC6376/6377
Series
587
5
6. EXT / 1, EXT / 2 Pins
As the EXT / 1 and EXT / 2 pins are provided, external transistor drives and various application circuits can be handled.
EXT / 1 follows the same timing pattern as a P-channel power MOSFET ("L" in the ON mode) whereas EXT / 2 functions in a 100 nsec
blank clock timing pattern (N.B. EXT / 2 changes from "H to L" 100 nsec before EXT /1 but 100 nsec after EXT / 1 with "L to H" changes.)
e.g.
The drawing of large output currents can be handled by connecting an external, low ON resistance, P-ch power MOSFET.
In such cases we also recommend that the FET gate be connected to EXT / 1, the source to VIN and the drain to Lx in line with the typical
application circuit examples provided.
The EXT /1 pin can be driven to a gate capacitance of up to 1000pF.
7. U. V. L. O Circuit
Below the minimum operating voltage (VUVLO) operations shut down and, along with the P-ch power MOSFET being set to OFF, Ext /1 and
EXT /2 will be "H" . (If using an external transistor, the transistor will be set to OFF.)
8. VOUT Reset Function
A function that pulls VOUT to ground during stand-by (CE "L") is available (XC6376E).
Note that this function is not available with externally set-up output voltage types (FB).
9. Capacitor CIN
Sudden current changes at ground or power supply that are common to step-down DC/DC converters during switching may cause the IC's
operations to become unstable depending upon the degree to which the IC's power supply voltage changes, which in turn is affected by the
wiring's impedance level.
It is therefore recommended that a power supply ripple rejection use capacitor (CIN) be connected between the IC's VIN and GND pins.
05S_3XC6376/77 02.09.12 15:20 ページ 587


Similar Part No. - XC6376CXX2SL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A TOREX-XC6371A Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A200DL TOREX-XC6371A200DL Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results

Similar Description - XC6376CXX2SL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com