Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDU4C-5400MC2 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # DDU4C-5400MC2
Description  5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU4C)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU4C-5400MC2 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  DDU4C-5400MC2 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU4C-5400MC2 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU4C-5400MC2 Datasheet HTML 3Page - Data Delay Devices, Inc. DDU4C-5400MC2 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DDU4C
Doc #97034
DATA DELAY DEVICES, INC.
1
12/10/97
3 Mt. Prospect Ave. Clifton, NJ 07013
5-TAP, HCMOS-INTERFACED
FIXED DELAY LINE
(SERIES DDU4C)
FEATURES
PACKAGES
Five equally spaced outputs
Fits standard 8-pin DIP socket
Low profile
Auto-insertable
Input & outputs fully CMOS interfaced & buffered
10 T
2L fan-out capability
FUNCTIONAL DESCRIPTION
The DDU4C-series device is a 5-tap digitally buffered delay line. The
signal input (IN) is reproduced at the outputs (T1-T5), shifted in time by an
amount determined by the device dash number (See Table). The total
delay of the line is measured from IN to T5. The nominal tap-to-tap delay
increment is given by one-fifth of the total delay.
SERIES SPECIFICATIONS
Minimum input pulse width: 20% of total delay
Output rise time: 8ns typical
Supply voltage:
5VDC
± 5%
Supply current:
ICCL = 40
µa typical
ICCH = 10ma typical
Operating temperature: 0
° to 70° C
Temp. coefficient of total delay: 300 PPM/
°C
20%
20%
20%
20%
20%
VDD
GND
IN
T1
T2
T3
T4
T5
DDU4C Functional diagram
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN
N/C
N/C
T2
N/C
T4
GND
VDD
N/C
T1
N/C
T3
N/C
T5
14
12
10
8
1
4
6
7
IN
T2
T4
GND
VCC
T1
T3
T5
DIP
DDU4C-xx
Comm.
DDU4C-xxM Military
SMD
DDU4C-xxA2
Comm.
DDU4C-xxB2
Comm.
DDU4C-xxMC2 Military
PIN DESCRIPTIONS
IN
Signal Input
T1-T5 Tap Outputs
VDD
+5 Volts
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Total
Delay (ns)
Delay Per
Tap (ns)
DDU4C-5050
50
± 2.5
10.0
± 3.0
DDU4C-5060
60
± 3.0
12.0
± 3.0
DDU4C-5075
75
± 4.0
15.0
± 3.0
DDU4C-5100
100
± 5.0
20.0
± 3.0
DDU4C-5125
125
± 6.5
25.0
± 3.0
DDU4C-5150
150
± 7.5
30.0
± 3.0
DDU4C-5200
200
± 10.0
40.0
± 4.0
DDU4C-5250
250
± 12.5
50.0
± 5.0
DDU4C-5300
300
± 15.0
60.0
± 6.0
DDU4C-5400
400
± 20.0
80.0
± 8.0
DDU4C-5500
500
± 25.0
100.0
± 10.0
NOTE: Any dash number between 5050 and 5500
not shown is also available.


Similar Part No. - DDU4C-5400MC2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU47F DATADELAY-DDU47F Datasheet
37Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)
DDU47FM DATADELAY-DDU47FM Datasheet
37Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU4F-5004A2 DATADELAY-DDU4F-5004A2 Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU4F-5004B2 DATADELAY-DDU4F-5004B2 Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
More results

Similar Description - DDU4C-5400MC2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU222C DATADELAY-DDU222C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU222C)
SMD99C DATADELAY-SMD99C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
DDU66C DATADELAY-DDU66C Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com