Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6371BXX2PL Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6371BXX2PL
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6371BXX2PL Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6371BXX2PL Datasheet HTML 5Page - Torex Semiconductor XC6371BXX2PL Datasheet HTML 6Page - Torex Semiconductor XC6371BXX2PL Datasheet HTML 7Page - Torex Semiconductor XC6371BXX2PL Datasheet HTML 8Page - Torex Semiconductor XC6371BXX2PL Datasheet HTML 9Page - Torex Semiconductor XC6371BXX2PL Datasheet HTML 10Page - Torex Semiconductor XC6371BXX2PL Datasheet HTML 11Page - Torex Semiconductor XC6371BXX2PL Datasheet HTML 12Page - Torex Semiconductor XC6371BXX2PL Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
XC6371
Series
445
4
XC6371F501PR
Ta=25
°C
VOUT=5.0V,FOSC=100kHZ
PARAMETER
Output Voltage
Maximum Input Voltage
SYMBOL
VOUT
VIN
CONDITIONS
MIN
4.875
10
TYP
5.000
MAX
5.125
UNITS
V
Operation Start-up Voltage
VST1
External Components Connected. IOUT=1mA.
0.90
V
Oscillation Start-up Voltage
VST2
No external components.
Appply voltage to VOUT.
V
Supply Current 1
IDD1
Same as VST2.
Apply output voltage
✕0.95 to VOUT.
Same as VST2.
Apply output voltage
✕1.1 to VOUT.
40.0
66.8
µA
Supply Current 2
IDD2
8.2
16.5
µA
EXT "High" On-Resistance
REXTH
Same as IDD 1. VEXT=–0.4V.
Same as IDD 1.Measuring of EXT waveform.
Same as IDD 1.Measuring of EXT waveform.
Same as IDD 1. VEXT=0.4V.
37.5
62.5
EXT "Low" On-Resistance
REXTL
30
50
Oscillator Frequency
FOSC
100
115
kHz
Maximum Duty Ratio
MAXDTY
85
85
87
92
%
Efficiency
EFFI
85
%
TSS
20.0
Slow-Start Time
4.0
10.0
ms
V
Measuring conditions: Unless otherwise specified, connect VDD to VOUT,VIN=VOUT
✕0.6, IOUT=50mA. See Typical Application Circuits, Fig.6.
When the VDD and VOUT pins are independently used, the voltage range at the VDD pin should be 2.2V to 10V.
The IC operates from VDD=0.8V. However, output voltage and oscillator frequency are properly stabilized when VDD=2.2V or higher.
Note:
0.80
SOT-89
(TOP VIEW)
12
3
GND
Fig.1 XC6371A Application
VOUT
SOT-89
(TOP VIEW)
VOUT
Fig.2 XC6371B Application
13
2
GND
CL
(Tantalum)
CL
(Tantalum)
L
SD
SD
VIN
VIN
L
Tr
CB
RB
CIN
CIN
L
: 100
µH (SUMIDA, CR-54)
SD : MA2Q735 (Schottky diode; MATSUSHITA)
CL : 16V 47
µF (Tantalum capacitor; NICHCON, MCE)
CIN : 16V220
µF (Alminium Electrolytic Capacitor)
L: 47
µH (SUMIDA, CR-54)
SD : MA2Q735 (Schottky diode; MATSUSHITA)
CL : 16V 47
µF (Tantalum capacitor; NICHCON MCE)
CIN : 16V220
µF (Alminium Electrolytic Capacitor)
RB :1k
Ω, CB:3300pF (FOSC=100kHz)
Tr : 2SC3279, 2SD1628G
■Typical Application Circuits
04S_04XC6371 02.09.12 14:44 ページ 445


Similar Part No. - XC6371BXX2PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A TOREX-XC6371A Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A200DL TOREX-XC6371A200DL Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A200DR TOREX-XC6371A200DR Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results

Similar Description - XC6371BXX2PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com