Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62EP3002ML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC62EP3002ML
Description  Boosting Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62EP3002ML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC62EP3002ML Datasheet HTML 1Page - Torex Semiconductor XC62EP3002ML Datasheet HTML 2Page - Torex Semiconductor XC62EP3002ML Datasheet HTML 3Page - Torex Semiconductor XC62EP3002ML Datasheet HTML 4Page - Torex Semiconductor XC62EP3002ML Datasheet HTML 5Page - Torex Semiconductor XC62EP3002ML Datasheet HTML 6Page - Torex Semiconductor XC62EP3002ML Datasheet HTML 7Page - Torex Semiconductor XC62EP3002ML Datasheet HTML 8Page - Torex Semiconductor XC62EP3002ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Boosting Voltage Regulators
Series
347
3
■General Description
■Features
■Applications
■Typical Application Circuit
The XC62E series are a group of positive output voltage regulators that
can supply up to 1A of output current using an external transistor. Low
power and high accuracy are achieved through CMOS process and laser
trimming technologies.
The series consists of a high precision voltage reference, an error
correction circuit and a short-circuit protected output driver.
In stand-by mode, supply current can be dramatically cut. Since the
input-output voltage differential is small, loss control efficiency is good.
The XC62E is particularly suited for use with battery operated portable
products, and products where supply current regulation is required.
The series comes in an ultra small SOT-25 package.
In connection with the CE function, apart from the negative logic
XC62EP series, a positive logic XC62ER series (custom) is also
available.
Ultra Small Input-Output Voltage Differential
: 100mA of output current is
available with a differential of 0.1V.
(Performance depends on the
external transistor characteristics.)
Maximum Output Current : 1000mA
Output Voltage Range
: 2V ~ 6V in 0.1V increments
Highly Accurate
: Set-up voltage ±2%
Low Power Consumption : Typ.50
µA (VOUT=5.0V)
: Typ.0.2
µA (Stand-by)
Output Voltage Temperature Characteristics
: Typ.±100ppm/°C
Input Stability
: Typ.0.1%/V
Ultra Small Packages
: SOT-25 mini-mold
GPortable Cameras and Video Recorders
GBattery Powered Equipment
GPalmtops
GReference Voltage Sources
NCMOS Low Power Consumption
NSmall Input-Output Voltage Differential
: 0.1V @ 100mA
NMaximum Output Current : 1000mA
NOutput Voltage Range
: 2V~6V
NOutput Voltage Accuracy : ±2%
P
VIN
VOUT
Vss
CE
RBE
RB
EXT
R
VIN
PNP Tr
CIN
(Tantalum)
CL
(Tantalum)
0.0
0.4
0.6
0.8
1.0
0
200
1000
Output Current:IOUT(mA)
XC62EP3302(3.3V)
CL=10
µF(tantalum)
0.2
400
600
800
Topr=25℃
80℃
−30℃
■Typical Performance
Characteristic
03S_09XC62E 02.9.12 3:07 PM ページ 347


Similar Part No. - XC62EP3002ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62EP1502ML TOREX-XC62EP1502ML Datasheet
609Kb / 12P
   Boosting Voltage Regulators
XC62EP1502MR TOREX-XC62EP1502MR Datasheet
609Kb / 12P
   Boosting Voltage Regulators
More results

Similar Description - XC62EP3002ML

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC621XX UTC-UC621XX_11 Datasheet
388Kb / 13P
   BOOSTING VOLTAGE REGULATORS
logo
Torex Semiconductor
XC62E TOREX-XC62E_1 Datasheet
609Kb / 12P
   Boosting Voltage Regulators
logo
E-Tech Electronics LTD
UC621XX ETL-UC621XX Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
logo
Unisonic Technologies
UC62130 UTC-UC62130 Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
UC621XX UTC-UC621XX_14 Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM1084 BOOKLY-BM1084 Datasheet
365Kb / 9P
   Voltage regulators
BM1117 BOOKLY-BM1117 Datasheet
377Kb / 9P
   Voltage regulators
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
   Voltage Regulators
logo
Torex Semiconductor
XC6204 TOREX-XC6204 Datasheet
25Kb / 1P
   Voltage Regulators
logo
National Semiconductor ...
LM105 NSC-LM105 Datasheet
227Kb / 7P
   Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com