Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62ER3002ML Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC62ER3002ML
Description  Boosting Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62ER3002ML Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC62ER3002ML Datasheet HTML 3Page - Torex Semiconductor XC62ER3002ML Datasheet HTML 4Page - Torex Semiconductor XC62ER3002ML Datasheet HTML 5Page - Torex Semiconductor XC62ER3002ML Datasheet HTML 6Page - Torex Semiconductor XC62ER3002ML Datasheet HTML 7Page - Torex Semiconductor XC62ER3002ML Datasheet HTML 8Page - Torex Semiconductor XC62ER3002ML Datasheet HTML 9Page - Torex Semiconductor XC62ER3002ML Datasheet HTML 10Page - Torex Semiconductor XC62ER3002ML Datasheet HTML 11Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
XC62E
Series
357
3
(8) LOAD TRANSIENT RESPONSE
4.85
4.95
5.00
5.05
5.10
Time(10msec/div)
XC62EP5002(5V)   
VIN=6V , CL=10
µF(tantalum)
4.90
0
600
400
200
800
1000
Output Voltage
Output Current
300mA
1mA
3.85
3.95
4.00
4.05
4.10
Time(10msec/div)
XC62EP4002(4V)   
VIN=5V , CL=10
µF(tantalum)
3.90
0
600
400
200
800
1000
300mA
1mA
Output Voltage
Output Current
3.15
3.25
3.30
3.35
3.40
Time(10msec/div)
XC62EP3302(3.3V)   
VIN=4.3V , CL=10
µF(tantalum)
3.20
0
600
400
200
800
1000
300mA
1mA
Output Voltage
Output Current
(9) RIPPLE REJECTION RATE
0
20
40
50
60
0.01
10
XC62EP5002(5V)   
VIN=6VDC+0.5Vp−pAC
IOUT=200mA , CL=10
µF(tantalum)
0.1
1
10
30
Ripple Frequency:f(kHz)
0
20
40
50
60
0.01
10
XC62EP4002(4V)   
VIN=5VDC+0.5Vp−pAC
IOUT=200mA , CL=10
µF(tantalum)
0.1
1
10
30
Ripple Frequency:f(kHz)
0
20
40
50
60
0.01
10
Ripple Frequency:f(kHz)
XC62EP3302(3.3V)   
VIN=4.3VDC+0.5Vp−pAC
IOUT=200mA , CL=10
µF(tantalum)
0.1
1
10
30
03S_09XC62E 02.9.12 3:07 PM ページ 357


Similar Part No. - XC62ER3002ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62ER1502ML TOREX-XC62ER1502ML Datasheet
609Kb / 12P
   Boosting Voltage Regulators
XC62ER1502MR TOREX-XC62ER1502MR Datasheet
609Kb / 12P
   Boosting Voltage Regulators
More results

Similar Description - XC62ER3002ML

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC621XX UTC-UC621XX_11 Datasheet
388Kb / 13P
   BOOSTING VOLTAGE REGULATORS
logo
Torex Semiconductor
XC62E TOREX-XC62E_1 Datasheet
609Kb / 12P
   Boosting Voltage Regulators
logo
E-Tech Electronics LTD
UC621XX ETL-UC621XX Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
logo
Unisonic Technologies
UC62130 UTC-UC62130 Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
UC621XX UTC-UC621XX_14 Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM1084 BOOKLY-BM1084 Datasheet
365Kb / 9P
   Voltage regulators
BM1117 BOOKLY-BM1117 Datasheet
377Kb / 9P
   Voltage regulators
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
   Voltage Regulators
logo
Torex Semiconductor
XC6204 TOREX-XC6204 Datasheet
25Kb / 1P
   Voltage Regulators
logo
National Semiconductor ...
LM105 NSC-LM105 Datasheet
227Kb / 7P
   Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com