Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62ER5001ML Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC62ER5001ML
Description  Boosting Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62ER5001ML Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC62ER5001ML Datasheet HTML 3Page - Torex Semiconductor XC62ER5001ML Datasheet HTML 4Page - Torex Semiconductor XC62ER5001ML Datasheet HTML 5Page - Torex Semiconductor XC62ER5001ML Datasheet HTML 6Page - Torex Semiconductor XC62ER5001ML Datasheet HTML 7Page - Torex Semiconductor XC62ER5001ML Datasheet HTML 8Page - Torex Semiconductor XC62ER5001ML Datasheet HTML 9Page - Torex Semiconductor XC62ER5001ML Datasheet HTML 10Page - Torex Semiconductor XC62ER5001ML Datasheet HTML 11Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
XC62E Series
354
3
■Typical Performance Characteristics
4.7
4.8
4.9
5.0
5.1
0
100
200
300
400
500
Output Current:IOUT(mA)
XC62EP5002(5V)   
Topr=25℃
VIN=6V , CL=10
µF(tantalum)
3.7
3.8
3.9
4.0
4.1
0
100
200
300
400
500
Output Current:IOUT(mA)
XC62EP4002(4V)   
Topr=25℃
VIN=5V , CL=10
µF(tantalum)
3.0
3.1
3.2
3.3
3.4
0
100
200
300
400
500
Output Current:IOUT(mA)
XC62EP3302(3.3V)  
Topr=25℃
VIN=4.3V , CL=10
µF(tantalum)
4.2
4.6
4.8
5.0
5.2
4.5
5
5.5
Input Voltage:VIN(V)
XC62EP5002(5V)  
CL=10
µF(tantalum), Topr=25℃
4.4
IOUT=1mA
100mA
500mA
4.85
4.95
5.00
5.05
5.10
56
8
Input Voltage:VIN(V)
XC62EP5002(5V)  
CL=10
µF(tantalum), Topr=25℃
4.90
IOUT=1mA
100mA
500mA
7
3.2
3.6
3.8
4.0
4.2
3.5
4
4.5
Input Voltage:VIN(V)
XC62EP4002(4V)  
CL=10
µF(tantalum),Topr=25℃
3.4
IOUT=1mA
100mA
500mA
3.85
3.95
4.00
4.05
4.10
45
7
Input Voltage:VIN(V)
XC62EP4002(4V)  
CL=10
µF(tantalum), Topr=25℃
3.90
IOUT=1mA
100mA,500mA
6
2.5
2.9
3.1
3.3
3.5
2.8
3.3
3.8
Input Voltage:VIN(V)
XC62EP3302(3.3V)  
CL=10
µF(tantalum), Topr=25℃
2.7
IOUT=1mA
100mA
500mA
3.15
3.25
3.30
3.35
3.40
34
6
Input Voltage:VIN(V)
XC62EP3302(3.3V)  
CL=10
µF(tantalum), Topr=25℃
3.20
IOUT=1mA,100mA
500mA
5
(1) OUTPUT VOLTAGE vs. OUTPUT CURRENT
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE
03S_09XC62E 02.9.12 3:07 PM ページ 354


Similar Part No. - XC62ER5001ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62ER1502ML TOREX-XC62ER1502ML Datasheet
609Kb / 12P
   Boosting Voltage Regulators
XC62ER1502MR TOREX-XC62ER1502MR Datasheet
609Kb / 12P
   Boosting Voltage Regulators
More results

Similar Description - XC62ER5001ML

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC621XX UTC-UC621XX_11 Datasheet
388Kb / 13P
   BOOSTING VOLTAGE REGULATORS
logo
Torex Semiconductor
XC62E TOREX-XC62E_1 Datasheet
609Kb / 12P
   Boosting Voltage Regulators
logo
E-Tech Electronics LTD
UC621XX ETL-UC621XX Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
logo
Unisonic Technologies
UC62130 UTC-UC62130 Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
UC621XX UTC-UC621XX_14 Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM1084 BOOKLY-BM1084 Datasheet
365Kb / 9P
   Voltage regulators
BM1117 BOOKLY-BM1117 Datasheet
377Kb / 9P
   Voltage regulators
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
   Voltage Regulators
logo
Torex Semiconductor
XC6204 TOREX-XC6204 Datasheet
25Kb / 1P
   Voltage Regulators
logo
National Semiconductor ...
LM105 NSC-LM105 Datasheet
227Kb / 7P
   Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com