Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62EP3001ML Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC62EP3001ML
Description  Boosting Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62EP3001ML Datasheet(HTML) 2 Page - Torex Semiconductor

  XC62EP3001ML Datasheet HTML 1Page - Torex Semiconductor XC62EP3001ML Datasheet HTML 2Page - Torex Semiconductor XC62EP3001ML Datasheet HTML 3Page - Torex Semiconductor XC62EP3001ML Datasheet HTML 4Page - Torex Semiconductor XC62EP3001ML Datasheet HTML 5Page - Torex Semiconductor XC62EP3001ML Datasheet HTML 6Page - Torex Semiconductor XC62EP3001ML Datasheet HTML 7Page - Torex Semiconductor XC62EP3001ML Datasheet HTML 8Page - Torex Semiconductor XC62EP3001ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
XC62E Series
348
3
■Pin Configuration
■Pin Assignment
■Product Classification
GOrdering Information
■Function
PIN NUMBER
1
2
3
4
5
FUNCTION
Ground
Supply voltage input
Regulated voltage output
Base current control
Chip enable
PIN NAME
VSS
VIN
VOUT
EXT
CE/CE
SERIES
CE
OUTPUT VOLTAGE
XC62ER
H
ON
L
OFF
XC62EP
H
OFF
L
ON
H=High Level
L=Low Level
SOT-25
(TOP VIEW)
5
4
CE /
VSS
EXT
VIN
VOUT
1
3
2
CE
DESIGNATOR
a
e
f
b
c
d
DESCRIPTION
DESIGNATOR
DESCRIPTION
CE pin Logic:
R=Positive
P=Negative
Output Voltage
30=3.0V
50=5.0V
Temperature Coefficients:
0=
±100ppm (typical)
Output Voltage Accuracy:
1=
±1.0%(Semi-custom)
2=
±2.0%
Package Type
M=SOT-25
Device Orientation
R=Embossed Tape
(Standard Feed)
L=Embossed Tape
(Reverse Feed)
XC62EXXXXXXX
a
b
c
d
e
f
03S_09XC62E 02.9.12 3:07 PM ページ 348


Similar Part No. - XC62EP3001ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62EP1502ML TOREX-XC62EP1502ML Datasheet
609Kb / 12P
   Boosting Voltage Regulators
XC62EP1502MR TOREX-XC62EP1502MR Datasheet
609Kb / 12P
   Boosting Voltage Regulators
More results

Similar Description - XC62EP3001ML

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC621XX UTC-UC621XX_11 Datasheet
388Kb / 13P
   BOOSTING VOLTAGE REGULATORS
logo
Torex Semiconductor
XC62E TOREX-XC62E_1 Datasheet
609Kb / 12P
   Boosting Voltage Regulators
logo
E-Tech Electronics LTD
UC621XX ETL-UC621XX Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
logo
Unisonic Technologies
UC62130 UTC-UC62130 Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
UC621XX UTC-UC621XX_14 Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM1084 BOOKLY-BM1084 Datasheet
365Kb / 9P
   Voltage regulators
BM1117 BOOKLY-BM1117 Datasheet
377Kb / 9P
   Voltage regulators
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
   Voltage Regulators
logo
Torex Semiconductor
XC6204 TOREX-XC6204 Datasheet
25Kb / 1P
   Voltage Regulators
logo
National Semiconductor ...
LM105 NSC-LM105 Datasheet
227Kb / 7P
   Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com