Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6376DXX3SL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6376DXX3SL
Description  PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6376DXX3SL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6376DXX3SL Datasheet HTML 1Page - Torex Semiconductor XC6376DXX3SL Datasheet HTML 2Page - Torex Semiconductor XC6376DXX3SL Datasheet HTML 3Page - Torex Semiconductor XC6376DXX3SL Datasheet HTML 4Page - Torex Semiconductor XC6376DXX3SL Datasheet HTML 5Page - Torex Semiconductor XC6376DXX3SL Datasheet HTML 6Page - Torex Semiconductor XC6376DXX3SL Datasheet HTML 7Page - Torex Semiconductor XC6376DXX3SL Datasheet HTML 8Page - Torex Semiconductor XC6376DXX3SL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
XC6376/6377
Series
579
5
A
B
3
S
VOUT
FB
C
D
SYMBOL
VOUT/FB
VOUT RESET FUNCTION
INTEGRAL CIRCUIT PROTECTION
VOUT
FB
E
F
VOUT
VOUT
NO
-
NO
-
YES
YES
YES
YES
NO
NO
YES
NO
Output voltage e.g. 3.0V output : (=3, =0)
FB products (B,D types) : (=1, =0)
Oscillator frequency 300kHz
5
Oscillator frequency 500kHz
2
Oscillator frequency 180kHz
Package SOP-8
R
L
Embossed Tape : Standard Feed
: Reverse Feed
XC6376 Series
PWM Control
XC6376①②③④⑤⑥
XC6377 Series
PWM/PFM switching control
(same as XC6376 series)
XC6377①②③④⑤⑥
GOrdering Information
■Packaging Information
GSOP-8
4.2±0.4
1.5±0.1
0∼0.25
0.35∼1.0
6.1 -0.3
+0.4
05S_3XC6376/77 02.09.12 15:20 ページ 579


Similar Part No. - XC6376DXX3SL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A TOREX-XC6371A Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A200DL TOREX-XC6371A200DL Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results

Similar Description - XC6376DXX3SL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com