Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1520B-10-1.0B Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 1520B-10-1.0B
Description  10-TAP DIP/SMD DELAY LINE TD/TR = 5
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1520B-10-1.0B Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  1520B-10-1.0B Datasheet HTML 1Page - Data Delay Devices, Inc. 1520B-10-1.0B Datasheet HTML 2Page - Data Delay Devices, Inc. 1520B-10-1.0B Datasheet HTML 3Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1520
10-TAP DIP/SMD DELAY LINE
TD/TR = 5
(SERIES 1520)
FEATURES
PACKAGES
14
13
12
11
10
9
8
1
2
3
4
5
6
7
GND
T1
T3
T5
T6
T8
T10
IN
N/C
T2
T4
T7
T9
GND
10 taps of equal delay increment
IN
Signal Input
T1-T10 Tap Outputs
GND
Ground
Note: Standard pinout shown
Other pinouts available
Delays to 1000ns
Low profile
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 1520-series device is a fixed, single-input, ten-output,
passive delay line. The signal input (IN) is reproduced at the
outputs (T1-T10) in equal increments. The delay from IN to T10
(TD) and the characteristic impedance of the line (Z) are
determined by the dash number. The rise time (TR) of the line is
20% of TD, and the 3dB bandwidth is given by 1.75 / TD. The
device is available in a 14-pin DIP (1520) or a 14-pin SMD
(1520S), and a wide range of pinouts may be specified.
Part numbers are constructed according to the scheme shown
at right. For example, 1520C-101-500B is a 290 mil DIP,
100ns, 50
Ω delay line with pinout code B. Similarly, 1520SB-
201-251 is a 240 mil SMD, 200ns, 250
Ω delay line with
standard pinout.
DELAY TIME
Expressed in nanoseconds (ns)
First two digits are significant figures
Last digit specifies # of zeros to follow
IMPEDANCE
Expressed in nanoseconds (ns)
First two digits are significant figures
Last digit specifies # of zeros to follow
PINOUT CODE
See Table
Omit for STD pinout
MOUNTING HEIGHT CODE
See Table
PART NUMBER CONSTRUCTION
1520(S)m - xxx - zzz p
SERIES SPECIFICATIONS
DELAY SPECIFICATIONS
TD
TI
TR
ATTENUATION (%) TYPICAL
(ns)
(ns)
(ns)
Z=50
Ω Z=100Ω Z=200Ω Z=300Ω Z=500Ω
10
1.0
3.0
3
5
N/A
N/A
N/A
20
2.0
5.5
3
5
5
N/A
N/A
30
3.0
6.5
3
5
5
N/A
N/A
40
4.0
8.0
3
5
5
5
N/A
50
5.0
10.0
3
5
5
5
7
60
6.0
12.0
3
5
5
5
7
75
7.5
15.0
3
5
5
5
7
100
10.0
20.0
3
5
5
7
7
120
12.0
24.0
3
5
6
7
8
150
15.0
30.0
3
5
6
7
8
180
18.0
36.0
4
5
6
7
8
200
20.0
40.0
4
5
6
7
8
220
22.0
44.0
4
5
6
7
8
250
25.0
50.0
4
5
6
7
8
300
30.0
60.0
N/A
5
8
10
10
375
37.5
75.0
N/A
7
8
10
10
500
50.0
100.0
N/A
8
10
12
12
600
60.0
120.0
N/A
N/A
N/A
15
15
750
75.0
150.0
N/A
N/A
N/A
15
20
1000
100.0
200.0
N/A
N/A
N/A
N/A
20
Notes: TI represents nominal tap-to-tap delay increment
Tolerance on TD = ±5% or ±2ns, whichever is greater
Tolerance on TI = ±5% or ±1ns, whichever is greater
“N/A” indicates that delay is not available at this Z
Dielectric breakdown:
50 Vdc
Distortion @ output:
10% max.
Operating temperature:
-55
°C to +125°C
Storage temperature:
-55
°C to +125°C
Temperature coefficient:
100 PPM/
°C
PINOUT CODES
CODE IN T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 GND
STD 14 2 12 3 11 4
5 10 6
9
7
1,8
A
1
2 13 3 12 4 10 5
9
6
7
14
B
2
3
4
5
6
7
9 10 11 12 13 1,14
C
7
9
6 10 5 11 12 3 13 2 14
1,8
D
1 13 2 12 3 11 4 10 5
9
6 7,8,14
E
2
3
4
5
6 7,8 9 10 11 12 13 1,14
F
1 13 2 12 3 11 4 10 5
9
6
7
G
2 13 3 12 4 11 5 10 6
9
7
8,14
H
2
3
4 12 6
7
9 10 11 12 13
1
I
1 13 2 12 3 11 5 10 6
9
7
8,14
J
1
2 13 3 12 4 10 5
9
6
7
8,14
K
1
2
3
4
5
6 12 11 10 9
8
7
L
13 12 11 10 9 7,8 6
5
4
3
2
1,14
N
1
2
3
4
5
6 10 11 12 13 14
7
P
1 13 3 12 4 11 5 10 6
9
7
8,14
T
1
2
3
4
5
6
9 10 11 12 13 7,14
U
2
3
4
5
6
8
9 10 11 12 13
1,7
V
2
3
4
5
6
8
9 10 11 12 13
1
W
1 13 2 12 3 11 4 10 5
9
6
7,14
Z
1 13 3 12 4 11 5 10 6
9
8
7
2004 Data Delay Devices
Doc #97028
DATA DELAY DEVICES, INC.
1
5/5/04
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 1520B-10-1.0B

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
1520 FLUKE-1520 Datasheet
99Kb / 1P
   Insulation testing you can depend on ac/dc voltage measurement up to 600V
logo
List of Unclassifed Man...
1520-03 ETC2-1520-03 Datasheet
69Kb / 1P
   KNOB
1520-1 ETC2-1520-1 Datasheet
439Kb / 1P
   TURRET TERMINALS
1520-2 ETC2-1520-2 Datasheet
439Kb / 1P
   TURRET TERMINALS
1520-3 ETC2-1520-3 Datasheet
439Kb / 1P
   TURRET TERMINALS
More results

Similar Description - 1520B-10-1.0B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1519-20A ETC-1519-20A Datasheet
43Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
logo
Data Delay Devices, Inc...
1519 DATADELAY-1519 Datasheet
39Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
1516 DATADELAY-1516 Datasheet
35Kb / 3P
   5-TAP DIP/SMD DELAY LINE TD/TR = 3
1517 DATADELAY-1517 Datasheet
36Kb / 2P
   5-TAP DIP DELAY LINE TD/TR = 3
2214 DATADELAY-2214 Datasheet
46Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10
1518 DATADELAY-1518 Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
1507 DATADELAY-1507 Datasheet
38Kb / 2P
   10-TAP SIP DELAY LINE TD/TR = 5
logo
List of Unclassifed Man...
2214-50A ETC-2214-50A Datasheet
51Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10 (SERIES 2214)
logo
Data Delay Devices, Inc...
1504 DATADELAY-1504 Datasheet
38Kb / 2P
   FIXED DIP DELAY LINE TD/TR = 5
2211 DATADELAY-2211 Datasheet
43Kb / 3P
   FIXED DIP DELAY LINE TD/TR = 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com