Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN01401C Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN01401C
Description  Minibright LED Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN01401C Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN01401C Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit: mm
1: Anode
2: Cathode
231
PD(mW) IF(mA) IFP(mA)VR(V) Topr(°C)
Tstg(°C)
Lighting Color
Red
Green
Amber
Orange
60
60
60
60
20
20
20
20
100
100
100
100
4
4
4
3
−25 ∼ +85 −30 ∼ +100
Small Type
Minibright LED Series
s Absolute Maximum Ratings (T
a = 25°C)
Conventional Part No.
Global Prat No.
Lighting Color
LN01201C(Q)
− (L) ·· LNG201C2R ············· Red
LN01301C(Q)
− (L) ·· LNG301C2G ············ Green
LN01401C(Q)
− (L) ·· LNG401C2X ············ Amber
LN01801C(Q)
− (L) ·· LNG801C2D ············ Orange
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
LN01201C(Q) – (L)
LN01301C(Q) – (L)
LN01401C(Q) – (L)
LN01801C(Q) – (L)
Unit
Red
Green
Amber
Orange
Clear
Clear
Clear
Clear
1.5
0.65
15
2.2
2.8
700
100
20
10
4
10.0
3.50
20
2.2
2.8
565
30
20
10
4
5.0
1.90
20
2.2
2.8
590
30
20
10
4
8.0
3.00
20
2.1
2.8
630
40
20
10
3
mcd
mcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
1.0
1.0
18.0Min
 3.0
± 0.2  18.0Min
2.5
± 0.2
3.4
± 0.2
2.8
± 0.2
3.0
± 0.2
2Min
2Min
12
IO Ta
500
300
100
10
Ambient Temperature
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
10
5
3
0.5
0.3
1
0.1
Forward Current
Directive Characteristics
Ambient Temperature
Wavelength
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
20
20
5
15
20
25
40
60
80
100
100
600
500
700
800
80
60
40
20
0
IF Ta
Forward Voltage
Relative Luminous Intensity
Wavelength Characteristics
IO IF
30
0
50
LN01201C
(Q)-(L)
LN01201C
(Q)-(L)
LN01401C
(Q)-(L)
LN01401C
(Q)-(L)
LN01401C
(Q)-(L)
LN01201C
(Q)-(L)
LN01201C
(Q)-(L)
LN01801C (Q)-(L)
LN01801C
(Q)-(L)
LN01801C (Q)-(L)
LN01301C (Q)-(L)
LN01301C (Q)-(L)
LN01301C (Q)-(L)
LN01401C (Q)-(L)
LN01401C (Q)-(L)
LN01401C (Q)-(L)
LN01301C (Q)-(L)
LN01301C (Q)-(L)
LN01301C (Q)-(L)
LN01801C (Q)-(L)
LN01801C (Q)-(L)
LN01801C (Q)-(L)
LN01201C (Q)-(L)
LN01201C (Q)-(L)
LN01201C (Q)-(L)
LN01401C (Q)-(L)
LN01401C (Q)-(L)
LN01401C (Q)-(L)
0
20406080
100
20
40
60
80
100
Relative Luminous Intensity


Similar Part No. - LN01401C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN01403YC PANASONIC-LN01403YC Datasheet
32Kb / 1P
   Minibright LED Series
More results

Similar Description - LN01401C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN01203C PANASONIC-LN01203C Datasheet
32Kb / 1P
   Minibright LED Series
logo
List of Unclassifed Man...
HD107S ETC1-HD107S Datasheet
938Kb / 14P
   LED SERIES
logo
Hatch Lighting.
RL-SERIES HATCH-RL-SERIES Datasheet
215Kb / 1P
   RL LED SERIES
08/09/2022
logo
Roithner LaserTechnik G...
5W4HCA ROITHNER-5W4HCA Datasheet
37Kb / 1P
   WHITE LED SERIES
logo
LinkCom Manufacturing C...
FSM000100005-E2 LINKCOM-FSM000100005-E2 Datasheet
122Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100005-O1 LINKCOM-FSM000100005-O1 Datasheet
126Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100005-P1 LINKCOM-FSM000100005-P1 Datasheet
127Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100006-O12 LINKCOM-FSM000100006-O12 Datasheet
127Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100006-P32 LINKCOM-FSM000100006-P32 Datasheet
127Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100008-C1 LINKCOM-FSM000100008-C1 Datasheet
132Kb / 1P
   LED EVACUATION SIGNS SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com