Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6376CXX3SL Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6376CXX3SL
Description  PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6376CXX3SL Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6376CXX3SL Datasheet HTML 4Page - Torex Semiconductor XC6376CXX3SL Datasheet HTML 5Page - Torex Semiconductor XC6376CXX3SL Datasheet HTML 6Page - Torex Semiconductor XC6376CXX3SL Datasheet HTML 7Page - Torex Semiconductor XC6376CXX3SL Datasheet HTML 8Page - Torex Semiconductor XC6376CXX3SL Datasheet HTML 9Page - Torex Semiconductor XC6376CXX3SL Datasheet HTML 10Page - Torex Semiconductor XC6376CXX3SL Datasheet HTML 11Page - Torex Semiconductor XC6376CXX3SL Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
XC6376/6377
Series
584
5
XC6376B103SR, XC6377B103SR
Ta=25:
(VOUT=3.0V(when programmed), FOSC=300kHz)
PARAMETER
UNITS
Output Voltage
VOUT1
V
3.060
3.000
2.940
Output Voltage2
VOUT2
V
VOUT1
+1.5%
VOUT1
-0.5%
Soft-Start Time
Tss
msec
16.0
10.0
6.0
PFM Duty Ratio (Note2)
PFMDTY
%
35
25
15
External components connected, No load.
Efficiency (Note3)
EFFI
%
95
Same as VOUT 1
Minimum Operating Voltage
(UVLO Voltage)
VUVLO
Only CSS connected.
CE= VIN, FB=0.9V, LX OFF voltage when VIN drops.
0.9
1.8
V
Circuit Protect Integration Time
TPRO
msec
8.0
5.0
3.0
Only CSS connected, VIN = 3.6V
Time taken for CE to become "L" when VOUT changes to 0V
CE "High" Voltage
VCEH
V
0.65
Only CSS connected, VIN = 3.6V, FB=0V,
Apply voltage to CE and measure EXT/1,2 "L"
CE "Low" Voltage
VCEL
V
0.20
Only CSS connected, VIN = 3.6V, FB=0V,
Apply voltage to CE and measure EXT/1,2 "H"
Only CSS connected,
CE=0V, VIN=3.6V, FB=1.2V, EXT/1,2 pull down to 200
Ω,
VEXT/1,2=VIN - 0.4V
Only CSS connected,
CE=VIN, VIN=3.6V, FB=0.9V,
EXT/1,2 pull up to 200
Ω, VEXT/1,2=0.4V
EXT/1,2 "H" ON Resistance
REXTBH
52
38
EXT/1,2 "L" ON Resistance
REXTBL
41
31
Maximum Input Voltage
VIN
V
10
Input Current
IIN
1.320
mA
1.950
Maximum Output Current
IOUTMAX
mA
500
µA
82
52
XC6376
XC6377
External components connected,
VIN=VOUT x 1.05, No load.
Supply Current
(oscillation stopped)
IDD
26
µA
39
Only CSS connected, VIN = 3.6V
FB= 1.2V, VLX=VIN
External components connected, VIN=3.6V
External components connected, VIN=3.6V,
IOUT=120mA
External components connected, VIN=4.8V
Lx SW ON Resistance
RSWON
0.69
0.94
Stand-by Current
ISTB
µA
2.5
1.5
Same as IDD. CE=0V
%
100
Oscillator Frequency
(Note1)
FOSC
kHz
345
300
255
Lx Leak Current
ILXL
µA
2.0
External components connected, measuring of EXT/1 waveform,
VIN=VOUT1 +0.3V, IOUT=20mA
Maximum Duty Ratio
MAXDTY
Only CSS connected, VIN=3.6V, CE=VIN, LX pull down to 10
VLX=VIN - 0.2V, FB=0.9V
Same as ISTB except VLX=0V
SYMBOL
CONDITIONS
MAX
MIN
TYP
Refers to the oscillation frequency during PWM control.
Applies to the XC6377 series only (duty ratio when control changes to PFM)
EFFI = { [(output voltage) x (output current)]
÷ [(input voltage) x (input current)]} x100
Note 1:
Note 2:
Note 3:
XC6376D, XC6376D
The following parameter is to be excluded: Circuit Protect Integration Time (TPRO)
RFB1=400k
Ω, RFB2=200kΩ, CFB=100pF
Peripherals:
05S_3XC6376/77 02.09.12 15:20 ページ 584


Similar Part No. - XC6376CXX3SL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A TOREX-XC6371A Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A200DL TOREX-XC6371A200DL Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results

Similar Description - XC6376CXX3SL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com