Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDU4C-5500A2 Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part # DDU4C-5500A2
Description  5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU4C)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU4C-5500A2 Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

  DDU4C-5500A2 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU4C-5500A2 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU4C-5500A2 Datasheet HTML 3Page - Data Delay Devices, Inc. DDU4C-5500A2 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DDU4C
Doc #97034
DATA DELAY DEVICES, INC.
4
12/10/97
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC
± 3oC
Load:
1 FAST-TTL Gate
Supply Voltage (VDD): 5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 5.0V
± 0.1V
Threshold:
2.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
Rise/Fall Time:
5.0 ns Max. (measured
between 0.5V and 4.5V )
Pulse Width:
PWIN = 1.5 x Total Delay
Period:
PERIN = 10 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
T1
OUT
TRIG
IN
REF
TRIG
Test Setup
DEVICE UNDER
TEST (DUT)
TIME INTERVAL
COUNTER
PULSE
GENERATOR
COMPUTER
SYSTEM
PRINTER
IN
T2
T3
T4
T5
0.5V
0.5V
Timing Diagram For Testing
TRISE
TFALL
PERIN
PWIN
TRISE
TFALL
2.5V
2.5V
4.5V
4.5V
2.5V
2.5V
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL


Similar Part No. - DDU4C-5500A2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU47F DATADELAY-DDU47F Datasheet
37Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)
DDU47FM DATADELAY-DDU47FM Datasheet
37Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU4F-5004A2 DATADELAY-DDU4F-5004A2 Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU4F-5004B2 DATADELAY-DDU4F-5004B2 Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
More results

Similar Description - DDU4C-5500A2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU222C DATADELAY-DDU222C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU222C)
SMD99C DATADELAY-SMD99C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
DDU66C DATADELAY-DDU66C Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com