Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9503B095AL Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9503B095AL
Description  2ch Step-down DC/DC Controller ICs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9503B095AL Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9503B095AL Datasheet HTML 5Page - Torex Semiconductor XC9503B095AL Datasheet HTML 6Page - Torex Semiconductor XC9503B095AL Datasheet HTML 7Page - Torex Semiconductor XC9503B095AL Datasheet HTML 8Page - Torex Semiconductor XC9503B095AL Datasheet HTML 9Page - Torex Semiconductor XC9503B095AL Datasheet HTML 10Page - Torex Semiconductor XC9503B095AL Datasheet HTML 11Page - Torex Semiconductor XC9503B095AL Datasheet HTML 12Page - Torex Semiconductor XC9503B095AL Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Test Circuits
XC9503 Series
2ch. Step-down DC/DC Controller ICs
RFB11
RFB12
CL1
VOUT1
L2
PNP
Tr2
RFB21
RFB22
RL2
CL2
VOUT2
RL1
VI
N
1
µF
2 VDD
3 FB1
FB2 8
GND 9
4 PWM1
PWM2 7
5 EN1
EN2 6
Circuit 1
Circuit 2
SBD2
CIN
Circuit 5
Circuit 6
Circuit 7
Pch
MOSFET2
L2
RL
V
VIN
VOUT2
A
A
CIN
2 VDD
3 FB1
FB2 8
GND 9
4 PWM1
PWM2 7
5 EN1
EN2 6
CL2
OSC
VPWM1
VEN1
A
1
µF
VDD
OSC
A
A
VPWM2
A
A
VEN2
2 VDD
3 FB1
FB2 8
GND 9
4 PWM1
PWM2 7
5 EN1
EN2 6
VFB1
A
VFB2
A
VPWM1
VEN1
1
µF
VDD
VPWM2
VEN2
2 VDD
3 FB1
FB2 8
GND 9
4 PWM1
PWM2 7
5 EN1
EN2 6
VFB1
VFB2
VEXT2
SBD2
C IN
CFB1
CFB2
A
Pch
MOSFET2
L2
RL
V
VIN
VOUT2
A
A
2 VDD
3 FB1
FB2 8
GND 9
4 PWM1
PWM2 7
5 EN1
EN2 6
SBD2
200k
75k
CL2
62 pF
SBD1
L1
PNP
Tr1
A
VEXT1
RL
VIN
CL1
VOUT1
CIN
A
2 VDD
3 FB1
FB2 8
GND 9
4 PWM1
PWM2 7
5 EN1
EN2 6
V
A
Pch
MOSFET1
Circuit 3
Circuit 4
RL
VIN
CL1
VOUT1
CIN
A
2 VDD
3 FB1
FB2 8
GND 9
4 PWM1
PWM2 7
5 EN1
EN2 6
V
A
Pch
MOSFET1
62pF
SBD1
SBD1
200k
75k
L1
L1
1 EXT1
EXT2 10
EXT2 10
1 EXT1
EXT2 10
1 EXT1
EXT2 10
1 EXT1
EXT2 10
1 EXT1
1 EXT1
EXT2 10
1 EXT1
EXT2 10
9


Similar Part No. - XC9503B095AL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
1Mb / 32P
   2ch.Step-Down DC/DC Controller ICs
XC9503 TOREX-XC9503_1 Datasheet
1Mb / 32P
   2ch.Step-Down DC/DC Controller ICs
More results

Similar Description - XC9503B095AL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
ON Semiconductor
LV5044V ONSEMI-LV5044V Datasheet
238Kb / 7P
   2ch step-down circuit DC-DC Converter Controller
August, 2013
logo
Torex Semiconductor
XC9220 TOREX-XC9220 Datasheet
517Kb / 22P
   16V Input Voltage, Step-Down DC/DC Controller ICs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com