Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2214-500C Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 2214-500C
Description  20-TAP DIP DELAY LINE TD/TR = 10
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

2214-500C Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  2214-500C Datasheet HTML 1Page - Data Delay Devices, Inc. 2214-500C Datasheet HTML 2Page - Data Delay Devices, Inc. 2214-500C Datasheet HTML 3Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2214
Doc #97026
DATA DELAY DEVICES, INC.
1
2/7/97
3 Mt. Prospect Ave. Clifton, NJ 07013
20-TAP DIP DELAY LINE
TD/TR = 10
(SERIES 2214)
FEATURES
PACKAGES
20 taps of equal delay increment
High bandwidth (TD/TR =10)
Low profile
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 2214-series device is a fixed, single-input, twenty-output, passive delay line. The signal input (IN) is
reproduced at the outputs (T1-T20) in equal increments. The delay from IN to T20 (TD) is given by the
device dash number. The characteristic impedance of the line is given by the letter code that follows the
dash number (See Table). The rise time (TR) of the line is 10% of TD, and the 3dB bandwidth is given by
3.5 / TD.
SERIES SPECIFICATIONS
Dielectric breakdown:
50 Vdc
Distortion @ output:
10% max.
Operating temperature:
-55
°C to +125°C
Storage temperature:
-55
°C to +125°C
Temperature coefficient:
100 PPM/
°C
DASH NUMBER SPECIFICATIONS
Part
Number
TD
(ns)
Delay per
Tap (ns)
TR
(ns)
Imped.
(
Ω)
RDC
(
Ω)
2214-50A
50.0
± 2.5
2.5
± 1.0
5.0
50
3.2
2214-60A
60.0
± 3.0
3.0
± 1.0
6.0
50
3.6
2214-80A
80.0
± 4.0
4.0
± 1.0
8.0
50
5.0
2214-100A
100
± 5.0
5.0
± 1.0
10.0
50
6.0
2214-150A
150
± 7.5
7.5
± 1.0
15.0
50
6.0
2214-200A
200
± 10.0
10.0
± 1.0
20.0
50
7.0
2214-50B
50.0
± 2.5
2.5
± 1.0
5.0
100
6.0
2214-60B
60.0
± 3.0
3.0
± 1.0
6.0
100
6.0
2214-80B
80.0
± 4.0
4.0
± 1.0
8.0
100
6.5
2214-100B
100
± 5.0
5.0
± 1.0
10.0
100
7.0
2214-150B
150
± 7.5
7.5
± 1.0
15.0
100
8.0
2214-200B
200
± 10.0
10.0
± 1.0
20.0
100
8.5
2214-300B
300
± 15.0
15.0
± 1.0
30.0
100
11.0
2214-400B
400
± 20.0
20.0
± 1.0
40.0
100
12.0
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
N/C
IN
T1
T2
T3
T4
T5
T6
T7
T8
T9
GND
N/C
T20
T19
T18
T17
T16
T15
T14
T13
T12
T11
T10
2214-xxz
(DIP)
2214-xxzC4
(Gull-Wing)
xx = Delay (TD)
z
= Impedance Code
PIN DESCRIPTIONS
IN
Signal Input
T1-T20 Tap Outputs
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
TD
(ns)
Delay per
Tap (ns)
TR
(ns)
Imped.
(
Ω)
RDC
(
Ω)
2214-40C
40.0
± 2.0
2.0
± 1.0
4.0
200
7.0
2214-80C
80.0
± 4.0
4.0
± 1.0
8.0
200
8.0
2214-120C
120
± 6.0
6.0
± 1.0
12.0
200
10.0
2214-200C
200
± 10.0
10.0
± 1.0
20.0
200
13.0
2214-300C
300
± 15.0
15.0
± 1.0
30.0
200
12.0
2214-400C
400
± 20.0
20.0
± 1.0
40.0
200
15.0
2214-500C
500
± 25.0
25.0
± 1.3
50.0
200
17.0
2214-600C
600
± 30.0
30.0
± 1.5
60.0
200
23.0
2214-800C
800
± 40.0
40.0
± 2.0
80.0
200
38.0
2214-50D
50.0
± 2.5
2.5
± 1.0
5.0
250
7.0
2214-100D
100
± 5.0
5.0
± 1.0
10.0
250
10.0
2214-150D
150
± 7.5
7.5
± 1.0
15.0
250
12.0
2214-200D
200
± 10.0
10.0
± 1.0
20.0
250
22.0
2214-250D
250
± 12.5
12.5
± 1.0
25.0
250
21.0
2214-300D
300
± 15.0
15.0
± 1.0
30.0
250
23.0
2214-400D
400
± 20.0
20.0
± 1.0
40.0
250
26.0
2214-500D
500
± 25.0
25.0
± 1.3
50.0
250
30.0
2214-600D
600
± 30.0
30.0
± 1.5
60.0
250
37.0
2214-800D
800
± 40.0
40.0
± 2.0
80.0
250
41.0
2214-1000D
1000
± 50.0
50.0
± 2.5
100
250
47.0
2214-200G
200
± 10.0
10.0
± 1.0
20.0
500
20.0
2214-300G
300
± 15.0
15.0
± 1.0
30.0
500
37.0
2214-400G
400
± 20.0
20.0
± 1.0
40.0
500
40.0
2214-500G
500
± 25.0
25.0
± 1.3
50.0
500
45.0
2214-600G
600
± 30.0
30.0
± 1.5
60.0
500
52.0
2214-800G
800
± 40.0
40.0
± 2.0
80.0
500
80.0
2214-1000G
1000
± 50.0
50.0
± 2.5
100
500
100
2214-1200G
1200
± 60.0
60.0
± 3.0
120
500
110
2214-1500G
1500
± 75.0
75.0
± 3.8
150
500
130
2214-2000G
2000
± 100
100
± 5.0
200
500
156


Similar Part No. - 2214-500C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2214-500C ETC-2214-500C Datasheet
51Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10 (SERIES 2214)
2214-500C ETC1-2214-500C Datasheet
42Kb / 3P
   data delay devices
More results

Similar Description - 2214-500C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1519-20A ETC-1519-20A Datasheet
43Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
logo
Data Delay Devices, Inc...
1519 DATADELAY-1519 Datasheet
39Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
logo
List of Unclassifed Man...
2214-50A ETC-2214-50A Datasheet
51Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10 (SERIES 2214)
logo
Data Delay Devices, Inc...
1520 DATADELAY-1520 Datasheet
350Kb / 3P
   10-TAP DIP/SMD DELAY LINE TD/TR = 5
1517 DATADELAY-1517 Datasheet
36Kb / 2P
   5-TAP DIP DELAY LINE TD/TR = 3
2211 DATADELAY-2211 Datasheet
43Kb / 3P
   FIXED DIP DELAY LINE TD/TR = 10
1516 DATADELAY-1516 Datasheet
35Kb / 3P
   5-TAP DIP/SMD DELAY LINE TD/TR = 3
1507 DATADELAY-1507 Datasheet
38Kb / 2P
   10-TAP SIP DELAY LINE TD/TR = 5
1504 DATADELAY-1504 Datasheet
38Kb / 2P
   FIXED DIP DELAY LINE TD/TR = 5
1518 DATADELAY-1518 Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com