Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB15A105 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XB15A105
Description  Small Diode Capacitance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB15A105 Datasheet(HTML) 2 Page - Torex Semiconductor

  XB15A105 Datasheet HTML 1Page - Torex Semiconductor XB15A105 Datasheet HTML 2Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
XB15A105
1050
15
1.E-04
1.E-03
1.E-02
1.E-01
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
VF(V)
Ta=25℃
1.E-10
1.E-09
1.E-08
0.1
1
100
VR(V)
Ta=25℃
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
IF(A)
f=50MHz, Ta=25℃
1.E-02
1.E-01
1.E+00
1.E+01
1.E-01
1.E+00
1.E+01
1.E+02
VR+0.65(V)
Ta=25℃
f=1MHz
f=100MHz
1.E+03
1.E+04
1.E+05
1.E+06
0.1
1
100
VR+0.65(V)
f=100MHz, Ta=25℃
10
10
PARALLEL RESISTANCE
vs. REVERSE VOLTAGE
DIODE CAPACITANCE
vs. REVERSE VOLTAGE
FORWARD SERIES RESISTANCE
vs. FORWARD CURRENT
FORWARD CURRENT
vs. FORWARD VOLTAGE
REVERSE CURRENT
vs. REVERSE VOLTAGE
15S_01XB15A105 02.9.12 4:39 PM ページ 1050


Similar Part No. - XB15A105

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB15A204 TOREX-XB15A204 Datasheet
104Kb / 2P
   The XB15A204 PIN diode employs a high reliability glass package that is designed for RF small signal attenuators in VHF, UHF appliances
XB15A301 TOREX-XB15A301 Datasheet
117Kb / 2P
   Small Insertion Loss
XB15A303 TOREX-XB15A303 Datasheet
131Kb / 2P
   Small Insertion Loss
XB15A308 TOREX-XB15A308 Datasheet
136Kb / 2P
   High Power Handling
XB15A407 TOREX-XB15A407 Datasheet
98Kb / 2P
   PIN DIODE
More results

Similar Description - XB15A105

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4215 ISC-2SC4215 Datasheet
188Kb / 4P
   Small Feedback Capacitance
logo
EHAOAN.
EH-IRR508C EHAOAN-EH-IRR508C Datasheet
409Kb / 5P
   Small junction capacitance
logo
First Components Intern...
SD103AWS FCI-SD103AWS Datasheet
263Kb / 2P
   350mA Small Single Surface Mounted Schottky Diode Low Reverse Capacitance
logo
Surge Components
CAE-KX SURGE-CAE-KX Datasheet
919Kb / 1P
   high capacitance with small package
logo
NXP Semiconductors
BB198 NXP-BB198 Datasheet
204Kb / 8P
   Variable capacitance diode for VCO and VCXO Small plastic SMD package
Rev. 1-1 December 2010
BB199 NXP-BB199 Datasheet
201Kb / 8P
   Variable capacitance diode for VCO and VCXO Small plastic SMD package
Rev. 1-1 December 2010
logo
Siemens Semiconductor G...
BAR63-02W SIEMENS-BAR63-02W Datasheet
24Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals, Low forward resistance, small capacitance small inductance)
logo
AUK corp
SDV708Q AUK-SDV708Q_1 Datasheet
174Kb / 3P
   Variable Capacitance Diode
logo
TOKO, Inc
KV1360NT TOKO-KV1360NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1560NT TOKO-KV1560NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com