Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2020-700 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 2020-700
Description  FIXED SIP DELAY LINE TR < 1ns
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

2020-700 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  2020-700 Datasheet HTML 1Page - Data Delay Devices, Inc. 2020-700 Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2020/2021
Doc #01009
DATA DELAY DEVICES, INC.
2
10/31/01
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature:
25
oC
± 3oC
Zload:
50
Ω nominal
Source Amplitude:
0dBm typical
Source Impedance:
50
Ω nominal
Input Frequency:
27.777778MHz
Network analyzer is used in phase measurement mode, normalized with a wire jumper between input and
output of DUT test socket. Delay is related to phase lag with proportionality constant of 100ps/deg.
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
IN
Test Setup
DEVICE UNDER
TEST (DUT)
NETWORK
ANALYZER
(HP 3577A)
OUT
IN R
IN A
IN B
GND
IN
OUT B
50-OHM
SIGNAL
DIVIDER
(HP 35676
-66301)
OUT R
OUT A
50-Ohm Coax
50-Ohm Coax
50-Ohm Coax
50-Ohm Coax
RF
OUT
GND


Similar Part No. - 2020-700

ManufacturerPart #DatasheetDescription
logo
API Delevan
2020-00K API-2020-00K Datasheet
190Kb / 1P
   Radial Toroidal Inductors
2020-00K API-2020-00K Datasheet
1Mb / 1P
   Radial Toroidal Inductors
2020-02K API-2020-02K Datasheet
190Kb / 1P
   Radial Toroidal Inductors
2020-02K API-2020-02K Datasheet
1Mb / 1P
   Radial Toroidal Inductors
2020-04K API-2020-04K Datasheet
190Kb / 1P
   Radial Toroidal Inductors
More results

Similar Description - 2020-700

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
2075 DATADELAY-2075 Datasheet
34Kb / 2P
   FIXED HIGH B.W. DELAY LINE TR < 1ns
3010 DATADELAY-3010 Datasheet
193Kb / 3P
   VOLTAGE-VARIABLE DELAY LINE TR < 1ns
1515 DATADELAY-1515 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 10
1513 DATADELAY-1513 Datasheet
31Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1514 DATADELAY-1514 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1507 DATADELAY-1507 Datasheet
38Kb / 2P
   10-TAP SIP DELAY LINE TD/TR = 5
1505 DATADELAY-1505 Datasheet
30Kb / 2P
   5-TAP SIP DELAY LINE TD/TR = 3
1504 DATADELAY-1504 Datasheet
38Kb / 2P
   FIXED DIP DELAY LINE TD/TR = 5
2211 DATADELAY-2211 Datasheet
43Kb / 3P
   FIXED DIP DELAY LINE TD/TR = 10
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com