Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDU37F-60 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # DDU37F-60
Description  MECHANICALLY VARIABLE TTL DELAY LINE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU37F-60 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  DDU37F-60 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU37F-60 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU37F-60 Datasheet HTML 3Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DDU37F
Doc #01016
DATA DELAY DEVICES, INC.
3
11/12/01
3 Mt. Prospect Ave. Clifton, NJ 07013
DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC
± 3oC
Load:
1 FAST-TTL Gate
Supply Voltage (Vcc):
5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 3.0V
± 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width:
PWIN = 1.5 x Total Delay
Period:
PERIN = 10 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
IN
OUT
OUT
TRIG
IN
TRIG
Test Setup
DEVICE UNDER
TEST (DUT)
OSCILLOSCOPE
PULSE
GENERATOR
Timing Diagram For Testing
DRISE
DFALL
PERIN
PWIN
TRISE
TFALL
0.6
0.6
1.5
1.5
2.4
2.4
1.5
1.5
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL


Similar Part No. - DDU37F-60

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU39F DATADELAY-DDU39F Datasheet
54Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)
DDU39FM DATADELAY-DDU39FM Datasheet
54Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)
More results

Similar Description - DDU37F-60

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU47F DATADELAY-DDU47F Datasheet
37Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)
DDU39F DATADELAY-DDU39F Datasheet
54Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)
1509 DATADELAY-1509 Datasheet
172Kb / 2P
   MECHANICALLY VARIABLE DELAY LINE
1503 DATADELAY-1503 Datasheet
238Kb / 3P
   MECHANICALLY VARIABLE DELAY LINE
DLO32F DATADELAY-DLO32F Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF Datasheet
75Kb / 8P
   Variable-length 1H Delay Line LSI
logo
Data Delay Devices, Inc...
3010 DATADELAY-3010 Datasheet
193Kb / 3P
   VOLTAGE-VARIABLE DELAY LINE TR < 1ns
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF_06 Datasheet
88Kb / 10P
   Variable-length 1H Delay Line LSI
logo
Data Delay Devices, Inc...
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com