Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2173CO51ML Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC2173CO51ML
Description  ICs for use with Crystal Oscillators (PLL built-in)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2173CO51ML Datasheet(HTML) 5 Page - Torex Semiconductor

  XC2173CO51ML Datasheet HTML 1Page - Torex Semiconductor XC2173CO51ML Datasheet HTML 2Page - Torex Semiconductor XC2173CO51ML Datasheet HTML 3Page - Torex Semiconductor XC2173CO51ML Datasheet HTML 4Page - Torex Semiconductor XC2173CO51ML Datasheet HTML 5Page - Torex Semiconductor XC2173CO51ML Datasheet HTML 6Page - Torex Semiconductor XC2173CO51ML Datasheet HTML 7Page - Torex Semiconductor XC2173CO51ML Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
XC2173
Series
1043
14
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Operating Voltage
4.5
5.0
5.5
2.4
0.4
CMOS: VDD=4.5V, IOH=-16mA
3.9
4.2
CMOS: VDD=4.5V, IOL=16mA
0.3
0.4
Consumption Current 1
23
mA
Consumption Current 2
5
mA
0.5
1.0
2.0
M
25
50
100
k
Cg
13
pF
Cd
13
pF
Internal Oscillation Feedback
Resistance
Rf
100
240
400
k
10
µA
/INH="L"
Internal Oscillation
Capacitance
(note 3)
(note 3)
/INH="L"
CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Operating Voltage
2.97
3.3
3.63
2.4
0.4
CMOS: VDD=2.97V, IOH=-8mA
2.47
CMOS: VDD=2.97V, IOL=8mA
0.4
Consumption Current 1
8
mA
Consumption Current 2
1
mA
1.0
2.0
4.0
M
35
70
140
k
Cg
13
pF
Cd
13
pF
Internal Oscillation Feedback
Resistance
Rf
0.3
1.0
2.0
10
µA
/INH="L"
/INH="L"
Internal Oscillation
Capacitance
(note 3)
(note 3)
CONDITIONS
Ta=25℃
Ta=25℃
3.3V, f0 x 6 multiplier (note 1)
5.0V, f0 x 6 multiplier (note 2)
'H' Level Input Voltage
'L' Level Input Voltage
'H' Level Output Voltage
'L' Level Output Voltage
Input pull up resistance 1
Input pull up resistance 2
Output Off Leak Current
Ioz
Rup2
Rup1
IDD2
IDD1
VOL
VOH
VIL
VIH
VDD
/INH="OPEN", CL=15pF, f=120MHz
/INH="L", CL=15pF, f=120MHz
/INH=0.7VDD
note 1 : The output frequency range is 60 MHz to 100MHz with a multiplier of f0 x 6 at 3.3V
note 2 : The output frequency range is 80 MHz to 150MHz with a multiplier of f0 x 6 at 5.0V
note 3 : measured value
'H' Level Input Voltage
'L' Level Input Voltage
'H' Level Output Voltage
'L' Level Output Voltage
Input pull up resistance 1
Input pull up resistance 2
Output Off Leak Current
VDD
VIH
VIL
VOH
VOL
IDD1
IDD2
Rup1
Rup2
Ioz
/INH="OPEN", CL=15pF, f=60MHz
/INH="L", CL=15pF, f=60MHz
/INH=0.7VDD
14S_05XC2173 02.09.12 16:37 ページ 1043


Similar Part No. - XC2173CO51ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2173CD21ML TOREX-XC2173CD21ML Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173CD21MR TOREX-XC2173CD21MR Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173CD21MR-G TOREX-XC2173CD21MR-G Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173CD41ML TOREX-XC2173CD41ML Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173CD41MR TOREX-XC2173CD41MR Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
More results

Similar Description - XC2173CO51ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_1 Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com