Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6371BXX0PR Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6371BXX0PR
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6371BXX0PR Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6371BXX0PR Datasheet HTML 6Page - Torex Semiconductor XC6371BXX0PR Datasheet HTML 7Page - Torex Semiconductor XC6371BXX0PR Datasheet HTML 8Page - Torex Semiconductor XC6371BXX0PR Datasheet HTML 9Page - Torex Semiconductor XC6371BXX0PR Datasheet HTML 10Page - Torex Semiconductor XC6371BXX0PR Datasheet HTML 11Page - Torex Semiconductor XC6371BXX0PR Datasheet HTML 12Page - Torex Semiconductor XC6371BXX0PR Datasheet HTML 13Page - Torex Semiconductor XC6371BXX0PR Datasheet HTML 14Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
XC6371 Series
446
4
31
(TOP VIEW)
SOT-89-5
45
2
VOUT
31
(TOP VIEW)
SOT-89-5
45
2
VOUT
Tr
Fig.3 XC6371C Application
CE
Fig.4 XC6371D Application
CE
GND
GND
CL
(Tantalum)
CL
(Tantalum)
SD
SD
VIN
L
CB
RB
VIN
L
CIN
CIN
L
: 100
µH (SUMIDA, CR-54)
SD : MA2Q735 (Schottky diode; MATSUSHITA)
CL : 16V 47
µF (Tantalum capacitor, NICHICON, MCE)
CIN : 16V220
µF (Alminium Electrolytic Capacitor)
L: 47
µH (SUMIDA, CR-54)
SD : MA2Q735 (Schottky diode; MATSUSHITA)
CL : 16V 47
µF (Tantalum capacitor, NICHICON, MCE)
CIN : 16V220
µF (Alminium Electrolytic Capacitor)
RB :1k
Ω, CB : 3300pF (FOSC=100kHZ)
Tr : 2SC3279, 2SD1628G
Fig.5 XC6371E Application
Fig.6 XC6371F Application
(TOP VIEW)
SOT-89-5
45
2
VOUT
2
31
2
3
(TOP VIEW)
SOT-89-5
45
2
VOUT
2
31
2
3
GND
GND
SD
L
Tr
SD
VIN
L
CB
RB
VDD
VDD
CL
(Tantalum)
CL
(Tantalum)
CIN
VIN
CIN
L
: 100
µH (SUMIDA, CR-54)
SD : MA2Q735 (Schottky diode; MATSUSHITA)
CL : 16V 47
µF (Tantalum capacitor, NICHICON, MCE)
CIN : 16V220
µF (Alminium Electrolytic Capacitor)
L: 47
µH (SUMIDA, CR-54)
SD : MA2Q735 (Schottky diode; MATSUSHITA)
CL : 16V 47
µF (Tantalum capacitor, NICHICON, MCE)
CIN : 16V220
µF (Alminium Electrolytic Capacitor)
RB :1k
Ω,CB : 3300pF (FOSC=100kHZ)
Tr : 2SC3279, 2SD1628G
04S_04XC6371 02.09.12 14:44 ページ 446


Similar Part No. - XC6371BXX0PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A TOREX-XC6371A Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A200DL TOREX-XC6371A200DL Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A200DR TOREX-XC6371A200DR Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results

Similar Description - XC6371BXX0PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com