Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3010-N Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 3010-N
Description  VOLTAGE-VARIABLE DELAY LINE TR < 1ns
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3010-N Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  3010-N Datasheet HTML 1Page - Data Delay Devices, Inc. 3010-N Datasheet HTML 2Page - Data Delay Devices, Inc. 3010-N Datasheet HTML 3Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3010
VOLTAGE-VARIABLE DELAY LINE
TR < 1ns
(SERIES 3010)
FEATURES
PACKAGE
Varactor Technology
Fast rise time for high frequency applications
Delay continuously adjustable from 2.4ns to 3.4ns
Very narrow device (SIP package)
Stackable for PC board economy
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 3010-series devices are continuously variable, single-input, single-
output, passive delay lines. The signal input (IN) is reproduced at the
output (OUT), shifted by a time (TD) which is adjusted via an applied
control voltage (VC). This control voltage is positive for the 3010-P and
negative for the 3010-N. The characteristic impedance of the line is
nominally 50 ohms. The rise time (TR) of the lines is no more than 1ns, resulting in a 3dB bandwidth of at
least 300MHz. The delay resolution is limited only by that of the control voltage.
data
delay
devices, inc.
3
G
G
IN
OUT
VC
3010
3010-P: Positive control voltage
3010-N: Negative control voltage
3
7
1
9
6
PIN DESCRIPTIONS
IN
Signal Input
OUT
Signal Output
VC
Control Voltage
G
Ground
SERIES SPECIFICATIONS
Varactor voltage range (3010-P): 1.3V (max TD) to 11.3V (min TD)
Varactor voltage range (3010-N): -1.3V (max TD) to -11.3V (min TD)
Range of delay variation: 1.0ns minimum
Minimum delay:
2.4ns
± 0.25ns
Impedance:
45
Ω - 68Ω
Output rise time:
1.0ns max
Bandwidth:
300MHz min
1.3
11.3
6.3
0.0
0.5
1.0
1.5
40
50
60
70
Delay
Impedance
Varactor Voltage (V)
Delay
Variation
(ns)
Impedance
(
Ω)
Typical Delay/Impedance Variation
Overshoot/preshoot:
± 20% max
Operating temperature:
-10
°C to +80°C
Temperature coefficient: 1000 PPM/
°C max
.020
DIA
Package Dimensions
.100
MIN
.150
MAX
Series
3010
.200
.200
.100
.800
1.08 MAX
IN
OUT
G
G
VC
.380
MAX
2004 Data Delay Devices
Doc #04001
DATA DELAY DEVICES, INC.
1
8/10/2005
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 3010-N

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3010-SMA KR-3010-SMA Datasheet
76Kb / 3P
   37.5 MHz Bandpass Filter
More results

Similar Description - 3010-N

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
2020 DATADELAY-2020 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TR < 1ns
2075 DATADELAY-2075 Datasheet
34Kb / 2P
   FIXED HIGH B.W. DELAY LINE TR < 1ns
1509 DATADELAY-1509 Datasheet
172Kb / 2P
   MECHANICALLY VARIABLE DELAY LINE
1503 DATADELAY-1503 Datasheet
238Kb / 3P
   MECHANICALLY VARIABLE DELAY LINE
1504 DATADELAY-1504 Datasheet
38Kb / 2P
   FIXED DIP DELAY LINE TD/TR = 5
1515 DATADELAY-1515 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 10
1513 DATADELAY-1513 Datasheet
31Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
2211 DATADELAY-2211 Datasheet
43Kb / 3P
   FIXED DIP DELAY LINE TD/TR = 10
1514 DATADELAY-1514 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
DDU37F DATADELAY-DDU37F Datasheet
40Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com