Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2021-XX Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 2021-XX
Description  FIXED SIP DELAY LINE TR < 1ns
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

2021-XX Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  2021-XX Datasheet HTML 1Page - Data Delay Devices, Inc. 2021-XX Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2020/2021
Doc #01009
DATA DELAY DEVICES, INC.
1
10/31/01
3 Mt. Prospect Ave. Clifton, NJ 07013
FIXED SIP DELAY LINE
TR < 1ns
(SERIES 2020 & 2021)
FEATURES
PACKAGES
Microstrip Technology
Fast rise time for high frequency applications
Delay available from 100ps to 2500ps
Very narrow device (SIP package)
Stackable for PC board economy
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 2020- and 2021-series devices are fixed, single-input, single-output,
passive delay lines. The signal input (IN) is reproduced at the output (OUT),
shifted by a time (TD) given by the device dash number. The characteristic
impedance of the lines is nominally 50 ohms. The rise time (TR) of the lines
is no more than 1ns, resulting in a 3dB bandwidth of at least 350MHz.
SERIES SPECIFICATIONS
Tolerance:
2% or 10ps
Bandwidth:
>350MHz
Ripple in pass-band:
Approx. 0.2dB
Dielectric breakdown:
>500 Vdc
Operating temperature:
-65
°C to +125°C
Temperature coefficient:
<100 PPM/
°C
Functional Diagram
GND
IN
GND
OUT
Dielectric
Serpentine
1.08 MAX.
.500
.100
.020
DIA.
Package Dimensions
IN
G
G
OUT G
G
Series
2020
.100
.100
.100
.290
MAX.
.380
MAX.
.200
MIN.
.500
MAX.
IN
G OUT
Series
2021
.100
.100
.142
MAX.
.150
MAX.
©
©2001 Data Delay Devices
data
delay
devices, inc.
®
®
3
2
6 7
1
G IN
OUT G
8
3
G
G
2020-xx
xx = Delay (TD)
2
1
IN
OUT
3
G
2021-xx
xx = Delay (TD)
PIN DESCRIPTIONS
IN
Signal Input
OUT
Signal Output
G
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Part
Number
Delay
(ps)
Imped.
(
Ω)
2021-100
2020-100
100
± 10
50
2021-150
2020-150
150
± 10
50
2021-200
2020-200
200
± 10
50
2021-250
2020-250
250
± 10
50
2021-300
2020-300
300
± 10
50
2021-350
2020-350
350
± 10
50
2021-400
2020-400
400
± 10
50
2021-500
2020-500
500
± 10
50
2021-600
2020-600
600
± 12
50
2021-700
2020-700
700
± 14
50
2020-800
800
± 16
50
2020-900
900
± 18
50
2020-1000
1000
± 20
50
2020-1100
1100
± 22
50
2020-1200
1200
± 24
50
2020-1300
1300
± 26
50
2020-1400
1400
± 28
50
2020-1500
1500
± 30
50
2020-1600
1600
± 32
50
2020-1750
1750
± 35
50


Similar Part No. - 2021-XX

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2021-1G MICRO-ELECTRONICS-2021-1G Datasheet
35Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
logo
GHz Technology
2021-25 GHZTECH-2021-25 Datasheet
27Kb / 1P
   25 Watts, 24 Volts, Class C Microwave 2000 - 2130 MHz
More results

Similar Description - 2021-XX

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
2075 DATADELAY-2075 Datasheet
34Kb / 2P
   FIXED HIGH B.W. DELAY LINE TR < 1ns
3010 DATADELAY-3010 Datasheet
193Kb / 3P
   VOLTAGE-VARIABLE DELAY LINE TR < 1ns
1515 DATADELAY-1515 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 10
1513 DATADELAY-1513 Datasheet
31Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1514 DATADELAY-1514 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1507 DATADELAY-1507 Datasheet
38Kb / 2P
   10-TAP SIP DELAY LINE TD/TR = 5
1505 DATADELAY-1505 Datasheet
30Kb / 2P
   5-TAP SIP DELAY LINE TD/TR = 3
1504 DATADELAY-1504 Datasheet
38Kb / 2P
   FIXED DIP DELAY LINE TD/TR = 5
2211 DATADELAY-2211 Datasheet
43Kb / 3P
   FIXED DIP DELAY LINE TD/TR = 10
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com