Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1520B-10-1.0A Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 1520B-10-1.0A
Description  10-TAP DIP/SMD DELAY LINE TD/TR = 5
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1520B-10-1.0A Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  1520B-10-1.0A Datasheet HTML 1Page - Data Delay Devices, Inc. 1520B-10-1.0A Datasheet HTML 2Page - Data Delay Devices, Inc. 1520B-10-1.0A Datasheet HTML 3Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1520
MOUNTING HEIGHT CODES
CODE
HEIGHT (MAX)
DIP
SMD
A
0.187
Yes
No
B
0.240
Yes
Yes
C
0.290
Yes
Yes
FUNCTIONAL DIAGRAM
GND
IN
T10
T1 T2 T3 T4
T6 T7 T8 T9
T5
GND
Note:
Codes A and B are not
for all values of TD
Contact technical staff fo
available
r details
PACKAGE DIMENSIONS
1520-xx (DIP)
.780 MAX.
1234567
8
14 13 12 11 10
9
See
Table
.015 TYP.
.070 MAX.
.018
TYP.
.600
±.010
6 Equal spaces
each .100
±.010
Non-Accumulative
.280
MAX.
.350
MAX.
.010
±.002
Lead Material:
Nickel-Iron alloy 42
TIN PLATE
1520S-xx (Gull-Wing)
.790 MAX.
.430
TYP.
.020 TYP.
.040
TYP.
.100
.090
.600
See
Table
.270
TYP.
.010 TYP.
.050
TYP.
1234567
8
9
10
11
12
13
14
Doc #97028
DATA DELAY DEVICES, INC.
2
5/5/04
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - 1520B-10-1.0A

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
1520 FLUKE-1520 Datasheet
99Kb / 1P
   Insulation testing you can depend on ac/dc voltage measurement up to 600V
logo
List of Unclassifed Man...
1520-03 ETC2-1520-03 Datasheet
69Kb / 1P
   KNOB
1520-1 ETC2-1520-1 Datasheet
439Kb / 1P
   TURRET TERMINALS
1520-2 ETC2-1520-2 Datasheet
439Kb / 1P
   TURRET TERMINALS
1520-3 ETC2-1520-3 Datasheet
439Kb / 1P
   TURRET TERMINALS
More results

Similar Description - 1520B-10-1.0A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1519-20A ETC-1519-20A Datasheet
43Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
logo
Data Delay Devices, Inc...
1519 DATADELAY-1519 Datasheet
39Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
1516 DATADELAY-1516 Datasheet
35Kb / 3P
   5-TAP DIP/SMD DELAY LINE TD/TR = 3
1517 DATADELAY-1517 Datasheet
36Kb / 2P
   5-TAP DIP DELAY LINE TD/TR = 3
2214 DATADELAY-2214 Datasheet
46Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10
1518 DATADELAY-1518 Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
1507 DATADELAY-1507 Datasheet
38Kb / 2P
   10-TAP SIP DELAY LINE TD/TR = 5
logo
List of Unclassifed Man...
2214-50A ETC-2214-50A Datasheet
51Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10 (SERIES 2214)
logo
Data Delay Devices, Inc...
1504 DATADELAY-1504 Datasheet
38Kb / 2P
   FIXED DIP DELAY LINE TD/TR = 5
2211 DATADELAY-2211 Datasheet
43Kb / 3P
   FIXED DIP DELAY LINE TD/TR = 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com