Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1503-30F Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 1503-30F
Description  MECHANICALLY VARIABLE DELAY LINE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1503-30F Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  1503-30F Datasheet HTML 1Page - Data Delay Devices, Inc. 1503-30F Datasheet HTML 2Page - Data Delay Devices, Inc. 1503-30F Datasheet HTML 3Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1503/1503J
MECHANICALLY VARIABLE
DELAY LINE
(SERIES 1503 & 1503J)
data
delay
devices, inc.
3
FEATURES
PACKAGES
Ideal for “Set and Forget” applications
Multi-turn adjustment screw
(1503: 40 turns, 1503J: 60 turns)
Stackable for PC board economy
20mil x 10mil flat leads (1503)
#20 gauge leads (1503J)
Resolution:
As low as 0.12ns
Dielectric breakdown:
50 Vdc
Temperature coefficient: 100 PPM/
°C
FUNCTIONAL DESCRIPTION
The 1503- and 1503J-series devices are mechanically variable, passive delay
lines. The signal input (IN) is reproduced at the tap output (TAP), shifted by an
amount which can be adjusted between 0 and TD, where TD is the device dash
number. The fixed output (OUT) reproduces the input, delayed by TD, and
must be terminated to match the characteristic impedance of the line, which is
given by the letter code that follows the dash number (See Table). The tap output is unbuffered. The 3dB
bandwidth of the line is given by 0.35 / TR, where TR is the rise time of the line (See Table).
1503
GND
IN
OUT
TAP
1503-xxz
1503J-xxz
xx = Max Delay (TD)
z = Impedance Code
1503J
GND IN
OUT TAP
PIN DESCRIPTIONS
IN
Signal Input
TAP
Variable Output
OUT
Fixed Output
GND
Ground
SERIES SPECIFICATIONS
Functional Diagram
GND
IN
TAP
OUT
.500
1.310 MAX.
.312
.020
Packag
.010
e Dimensions - 1503
.020
.170
.187
.375
1.000
.150
.300
.100
.100
.100
1
2
IN
GND
3
4
TAP
OUT
.150
DASH NUMBER SPECIFICATIONS
Part
Number
Max Dly
(ns)
TR
(ns)
Imped
(
Ω)
RDC
(
Ω)
1503-15A
15
3
50
0.7
1503-25A
25
5
50
0.8
1503-30A
30
6
50
1.0
1503-40A
40
8
50
1.5
1503-50A
50
10
50
1.7
1503-60A
60
12
50
2.0
1503-80A
80
16
50
3.0
1503-100A
100
20
50
3.5
1503-15B
15
3
100
1.0
1503-30B
30
6
100
2.0
1503-50B
50
10
100
3.0
1503-60B
60
12
100
4.0
1503-80B
80
16
100
5.0
1503-100B
100
20
100
14.0
1503-120B
120
24
100
8.0
1503-140B
140
28
100
14.0
1503-160B
160
32
100
10.0
1503-200B
200
40
100
14.0
1503-30C
30
6
200
4.0
1503-60C
60
12
200
9.5
1503-100C
100
20
200
14.0
1503-20D
20
4
250
5.0
1503-20E
20
4
300
5.0
1503-30F
30
6
350
8.0
1503-25G
25
5
400
8.0
1503-40H
40
8
500
12.0
1503J-150A
150
22
50
5.0
1503J-250B
250
38
100
21.0
1503J-130C
130
20
200
21.0
1503J-30D
30
5
250
7.0
1503J-30E
30
5
300
7.0
1503J-40F
40
6
350
10.0
1503J-35G
35
6
400
10.0
1503J-60H
60
9
500
18.0
2004 Data Delay Devices
Doc #01011
DATA DELAY DEVICES, INC.
1
8/23/04
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 1503-30F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1503-3 ETC2-1503-3 Datasheet
439Kb / 1P
   TURRET TERMINALS
More results

Similar Description - 1503-30F

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1509 DATADELAY-1509 Datasheet
172Kb / 2P
   MECHANICALLY VARIABLE DELAY LINE
DDU37F DATADELAY-DDU37F Datasheet
40Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE
DDU47F DATADELAY-DDU47F Datasheet
37Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)
DDU39F DATADELAY-DDU39F Datasheet
54Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF Datasheet
75Kb / 8P
   Variable-length 1H Delay Line LSI
logo
Data Delay Devices, Inc...
3010 DATADELAY-3010 Datasheet
193Kb / 3P
   VOLTAGE-VARIABLE DELAY LINE TR < 1ns
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF_06 Datasheet
88Kb / 10P
   Variable-length 1H Delay Line LSI
logo
PCA ELECTRONICS INC.
EPA087-10A PCA-EPA087-10A Datasheet
39Kb / 1P
   Passive Variable Delay Lines
logo
Merrimac Industries, In...
DLL-095R-2.14G MERRIMAC-DLL-095R-2.14G Datasheet
102Kb / 1P
   DELAY LINE
DLL-115R-1.96G MERRIMAC-DLL-115R-1.96G Datasheet
108Kb / 1P
   DELAY LINE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com