Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1503-100B Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # 1503-100B
Description  MECHANICALLY VARIABLE DELAY LINE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1503-100B Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  1503-100B Datasheet HTML 1Page - Data Delay Devices, Inc. 1503-100B Datasheet HTML 2Page - Data Delay Devices, Inc. 1503-100B Datasheet HTML 3Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1503/1503J
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature:
25
oC ± 3oC
Rload:
10M
Input Pulse:
High = 3.0V typical
Cload:
10pf
Low = 0.0V typical
Threshold:
50% (Rising & Falling)
Source Impedance:
50
Ω Max.
Rise/Fall Time:
3.0 ns Max. (measured
at 10% and 90% levels)
Pulse Width (TD <= 75ns): PWIN = 100ns
Period
(TD <= 75ns): PERIN = 1000ns
Pulse Width (TD > 75ns):
PWIN = 2 x TD
Period
(TD > 75ns):
PERIN = 10 x TD
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
Timing Diagram For Testing
DRISE
DFALL
PERIN
PWIN
TRISE
TFALL
10%
10%
50%
50%
90%
90%
50%
50%
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL
TRISE
TFALL
10%
10%
90%
90%
IN
OUT
OUT
TRIG
IN
TRIG
Test Setup
DEVICE UNDER
TEST (DUT)
OSCILLOSCOPE
PULSE
GENERATOR
50 Ω
ROUT
RIN
RIN = ROUT = ZLINE
TAP
Doc #01011
DATA DELAY DEVICES, INC.
3
8/23/04
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 1503-100B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1503-1 ETC2-1503-1 Datasheet
439Kb / 1P
   TURRET TERMINALS
More results

Similar Description - 1503-100B

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1509 DATADELAY-1509 Datasheet
172Kb / 2P
   MECHANICALLY VARIABLE DELAY LINE
DDU37F DATADELAY-DDU37F Datasheet
40Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE
DDU47F DATADELAY-DDU47F Datasheet
37Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)
DDU39F DATADELAY-DDU39F Datasheet
54Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF Datasheet
75Kb / 8P
   Variable-length 1H Delay Line LSI
logo
Data Delay Devices, Inc...
3010 DATADELAY-3010 Datasheet
193Kb / 3P
   VOLTAGE-VARIABLE DELAY LINE TR < 1ns
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF_06 Datasheet
88Kb / 10P
   Variable-length 1H Delay Line LSI
logo
PCA ELECTRONICS INC.
EPA087-10A PCA-EPA087-10A Datasheet
39Kb / 1P
   Passive Variable Delay Lines
logo
Merrimac Industries, In...
DLL-095R-2.14G MERRIMAC-DLL-095R-2.14G Datasheet
102Kb / 1P
   DELAY LINE
DLL-115R-1.96G MERRIMAC-DLL-115R-1.96G Datasheet
108Kb / 1P
   DELAY LINE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com