Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1507-50A Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 1507-50A
Description  10-TAP SIP DELAY LINE TD/TR = 5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1507-50A Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  1507-50A Datasheet HTML 1Page - Data Delay Devices, Inc. 1507-50A Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1507
Doc #97025
DATA DELAY DEVICES, INC.
1
2/6/97
3 Mt. Prospect Ave. Clifton, NJ 07013
10-TAP SIP DELAY LINE
TD/TR = 5
(SERIES 1507)
FEATURES
PACKAGES
10 taps of equal delay increment
Very narrow device (SIP package)
Stackable for PC board economy
Low profile
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 1507-series device is a fixed, single-input, ten-output, passive delay
line. The signal input (IN) is reproduced at the outputs (T1-T10) in equal
increments. The delay from IN to T10 (TD) is given by the device dash
number. The characteristic impedance of the line is given by the letter
code that follows the dash number (See Table). The rise time (TR) of the
line is 10% of TD, and the 3dB bandwidth is given by 3.5 / TD.
SERIES SPECIFICATIONS
Dielectric breakdown:
50 Vdc
Distortion @ output:
10% max.
Operating temperature:
-55
°C to +125°C
Storage temperature:
-55
°C to +125°C
Temperature coefficient:
100 PPM/
°C
.250
MAX.
.100
MIN.
1.455 TYP.
1
2
3
4
5
6
7
.200
MAX.
.020
TYP.
.020 TYP.
1.300 TYP.
.100
TYP.
.010
TYP.
8
9
10
11
12
13
14
Package Dimensions
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
2
6 7
1
GND
IN
T5
4 5
3
T1 T2 T3 T4
8 9 10 11 12 13 14
NC
T10
T6 T7 T8 T9
GND
1507-xxz
xx = Delay (TD)
z
= Impedance Code
PIN DESCRIPTIONS
IN
Signal Input
T1-T10 Tap Outputs
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
TD
(ns)
Delay per
Tap (ns)
TR
(ns)
Impedance
(
Ω)
RDC
(
Ω)
1507-20A
20.0
± 2.0
2.0
± 0.4
4.0
50
1.0
1507-40A
40.0
± 2.0
4.0
± 1.0
8.0
50
1.5
1507-50A
50.0
± 2.5
5.0
± 1.5
9.0
50
1.5
1507-100A
100
± 5.0
10.0
± 2.0
18.0
50
2.0
1507-150A
150
± 7.5
15.0
± 2.0
28.0
50
3.0
1507-200A
200
± 10.0
20.0
± 3.0
38.0
50
4.0
1507-20B
20.0
± 2.0
2.0
± 0.4
4.0
100
1.5
1507-50B
50.0
± 2.5
5.0
± 1.5
9.0
100
2.0
1507-100B
100
± 5.0
10.0
± 2.0
18.0
100
4.0
1507-200B
200
± 10.0
20.0
± 3.0
38.0
100
6.0
1507-250B
250
± 13.0
25.0
± 4.0
48.0
100
7.0
1507-20C
20.0
± 2.0
2.0
± 0.4
4.0
200
3.0
1507-50C
50.0
± 2.5
5.0
± 1.5
9.0
200
4.5
1507-100C
100
± 5.0
10.0
± 2.0
18.0
200
6.0
1507-200C
200
± 13.0
20.0
± 3.0
38.0
200
9.0
1507-50G
50.0
± 2.5
5.0
± 1.5
9.0
500
6.0
1507-100G
100
± 5.0
10.0
± 2.0
18.0
500
10.0
1507-200G
200
± 10.0
20.0
± 3.0
38.0
500
30.0
1507-300G
300
± 15.0
30.0
± 4.0
58.0
500
30.0
1507-500G
500
± 25.0
50.0
± 5.0
98.0
500
55.0
Functional Diagram
GND
IN
T10
T1
T2
T3
T4
T6
T7
T8
T9
T5
GND


Similar Part No. - 1507-50A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1507-50A ETC1-1507-50A Datasheet
139Kb / 1P
   Single-In-Line Delay Lines
More results

Similar Description - 1507-50A

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1505 DATADELAY-1505 Datasheet
30Kb / 2P
   5-TAP SIP DELAY LINE TD/TR = 3
logo
List of Unclassifed Man...
1519-20A ETC-1519-20A Datasheet
43Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
logo
Data Delay Devices, Inc...
1519 DATADELAY-1519 Datasheet
39Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
1513 DATADELAY-1513 Datasheet
31Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1515 DATADELAY-1515 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 10
1514 DATADELAY-1514 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1520 DATADELAY-1520 Datasheet
350Kb / 3P
   10-TAP DIP/SMD DELAY LINE TD/TR = 5
1517 DATADELAY-1517 Datasheet
36Kb / 2P
   5-TAP DIP DELAY LINE TD/TR = 3
1518 DATADELAY-1518 Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
2214 DATADELAY-2214 Datasheet
46Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com