Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS128K8V-25CLIA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WMS128K8V-25CLIA
Description  128Kx8 3.3V MONOLITHIC SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMS128K8V-25CLIA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WMS128K8V-25CLIA Datasheet HTML 1Page - List of Unclassifed Manufacturers WMS128K8V-25CLIA Datasheet HTML 2Page - List of Unclassifed Manufacturers WMS128K8V-25CLIA Datasheet HTML 3Page - List of Unclassifed Manufacturers WMS128K8V-25CLIA Datasheet HTML 4Page - List of Unclassifed Manufacturers WMS128K8V-25CLIA Datasheet HTML 5Page - List of Unclassifed Manufacturers WMS128K8V-25CLIA Datasheet HTML 6Page - List of Unclassifed Manufacturers WMS128K8V-25CLIA Datasheet HTML 7Page - List of Unclassifed Manufacturers WMS128K8V-25CLIA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3
White Electronic Designs Corporation • Phoenix, AZ • (602) 437-1520
WMS128K8V-XXX
AC CHARACTERISTICS
(VCC = 3.3V, TA = -55
°C to +125°C)
Parameter
Symbol
-15
-17
-20
-25
-35
Units
Read Cycle
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
15
17
20
25
35
ns
Address Access Time
tAA
15
17
20
25
35
ns
Output Hold from Address Change
tOH
0
000
0
ns
Chip Select Access Time
tACS
15
17
20
25
35
ns
Output Enable to Output Valid
tOE
10
11
12
15
20
ns
Chip Select to Output in Low Z
tCLZ1
5
555
5
ns
Output Enable to Output in Low Z
tOLZ1
5
555
5
ns
Chip Disable to Output in High Z
tCHZ1
8
9
10
12
15
ns
Output Disable to Output in High Z
tOHZ1
8
9
10
12
15
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS
(VCC = 3.3V, TA = -55
°C to +125°C)
Parameter
Symbol
-15
-17
-20
-25
-35
Units
Write Cycle
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
15
17
20
25
35
ns
Chip Select to End of Write
tCW
13
14
15
20
30
ns
Address Valid to End of Write
tAW
13
14
15
20
30
ns
Data Valid to End of Write
tDW
10
11
12
15
18
ns
Write Pulse Width
tWP
13
14
15
20
30
ns
Address Setup Time
tAS
00
0
0
0
ns
Address Hold Time
tAH
00
0
0
0
ns
Output Active from End of Write
tOW1
55
5
5
5
ns
Write Enable to Output in High Z
tWHZ1
8
9
10
10
15
ns
Data Hold Time
tDH
00
0
0
0
ns
1. This parameter is guaranteed by design but not tested.


Similar Part No. - WMS128K8V-25CLIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS128K8-100CC WEDC-WMS128K8-100CC Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WMS128K8-100CCA WEDC-WMS128K8-100CCA Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WMS128K8-100CI WEDC-WMS128K8-100CI Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WMS128K8-100CIA WEDC-WMS128K8-100CIA Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WMS128K8-100CM WEDC-WMS128K8-100CM Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
More results

Similar Description - WMS128K8V-25CLIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
logo
Alliance Semiconductor ...
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
logo
Eorex Corporation
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
logo
Texas Instruments
BQ4013 TI-BQ4013 Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com