Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


XC74WL34AASR Datasheet(PDF) 2 Page - Torex Semiconductor

Part No. XC74WL34AASR
Description  CMOS Logic Dual Bus Buffer
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

   
 2 page
background image
XC74WL34AASR
911
13
■Recommended Operating Conditions
■DC Electrical Characteristics
■Switching Electrical Characteristics
PARAMETER
Supply Voltage
SYMBOL
CONDITIONS
UNITS
−40∼+85
Input Voltage
Output Voltage
Operating Temperature
Input Rise and Fall Time
VCC
VIN
VOUT
Topr
tr, tf
2∼5.5
0∼5.5
0∼VCC
0∼200(VCC=3.3V)
ns
0∼100(VCC=5V)
PARAMETER
SYMBOL
CONDITIONS
UNITS
Input Voltage
Input Current
VIL
Output Voltage
VIH
VOL
ICC
Quiscent Supply Current
VIN=VIH
VIN=VIL
VIN=VCC or GND
VIN=VCC or GND, IOUT=0μA
IOH=−50μA
IOH=−4mA
IOH=−8mA
IOL=50μA
IOL=4mA
IOL=8mA
2.0
3.0
5.5
2.0
3.0
5.5
2.0
3.0
4.5
3.0
4.5
2.0
3.0
4.5
3.0
4.5
5.5
0∼5.5
Ta=25℃
Ta=−40∼85℃
0.5
0.9
1.65
0.1
0.1
0.1
0.44
0.44
10.0
1.0
1.5
2.1
3.85
1.9
2.9
4.4
2.48
3.80
−1.0
0.5
0.9
1.65
0.1
0.1
0.1
0.36
0.36
1.0
0.1
2.0
3.0
4.5
1.5
2.1
3.85
1.9
2.9
4.4
2.58
3.94
−0.1
V
V
V
V
μA
μA
IIN
VOH
VCC(V)
MIN
TYP
MAX
MAX
MIN
PARAMETER
SYMBOL
CONDITIONS
UNITS
Propagation
DelayTime
Input Capacitance
tPLH
tPHL
tPLH
tPHL
Power Dissipation
Capacitance
VIN=VCC or GND
15pF
50pF
15pF
50pF
No Load, f=1MHz
Ta=25℃
Ta=−40∼85℃
8.5
6.5
12
8.5
8.5
6.5
12
8.5
10
1
1
1
1
1
1
1
1
7.1
5.5
10.6
7.5
7.1
5.5
10.6
7.5
10
2.7
2.1
4.1
3.2
2.5
2.0
3.9
3.0
2
8.9
ns
ns
ns
ns
pF
pF
CIN
Cpd
CL
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
5.0
VCC(V)
(tr=tf=3ns)
MIN
TYP
MAX
MAX
MIN
13S_08XC74WL(34AASR) 02.09.12 15:56 ページ 911




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
XC74WL126ASRCMOS Logic Dual Bus Buffer 1 2 3 4 5 Torex Semiconductor
XC74WL241ASRCMOS Logic Dual Bus Buffer 1 2 3 4 5 Torex Semiconductor
HD74LV2GT125ADual Bus Buffer with 3-state Output / CMOS Logic Level Shifter 1 2 3 4 5 MoreRenesas Technology Corp
XC74WL125ASRXC74WL125ASR is Dual Bus Buffer manufactured using silicon gate CMOS processes 1 2 3 4 5 Torex Semiconductor
HD74LV2GT245ADual Bus Transceivers with 3-state Outputs / CMOS Logic Level Shifter 1 2 3 4 5 MoreRenesas Technology Corp
TC7WH126FUDUAL BUS BUFFER 1 2 3 4 5 MoreToshiba Semiconductor
CD74HC253High Speed CMOS Logic Dual 4-Input Multiplexer 1 2 3 4 5 MoreTI store
CD74HC4015High Speed CMOS Logic Dual 4-Stage Static Shift Register 1 2 3 4 5 MoreTI store
XC74WL86AASRCMOS Logic Dual 2-input Exclusive OR Gate 1 2 3 Torex Semiconductor
KIC7W126FKSILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT DUAL BUS BUFFER 1 2 3 KEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl