Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


XC74WL34AASR Datasheet(PDF) 1 Page - Torex Semiconductor

Part No. XC74WL34AASR
Description  CMOS Logic Dual Bus Buffer
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

   
 1 page
background image
CMOS Logic
910
13
XC74WL34AASR is Triple Buffer manufactured using silicon gate CMOS
processes. The small quiescent current, which is one of the features of
the CMOS logic, gives way to high speed operations which enables LS-
TTL.
With wave forming buffers connected internally, stabilized output can be
achieved as the series offers high noise immunity.
As the series is integrated into a mini molded, MSOP-8B package, high
density mounting is possible.
■Description
High Speed Operations
: tpd = 2.05ns TYP (VCC=5V)
Operating Voltage Range : 2V ~ 5.5V
Low Power Consumption:1
µA (max)
Small Package
: MSOP-8B
GPalmtops
GDigital Equipment
■Features
■Applications
NCMOS Logic Dual Bus Buffer
NOperating Voltage Range : 2V ~ 5.5V
NHigh Speed Operations : tpd =2.05ns TYP
NLow Power Consumption : 1µA (max)
NMSOP-8B Package
■Pin Configuration
■Functions
■Absolute Maximum Ratings
VCC
3A
1A
3Y
2A
GND
1Y
2Y
1
2
3
4
5
6
7
8
MSOP-8B
(TOP VIEW)
L = Low Level
H = High Level
INPUT OUTPUT
A
H
L
Y
H
L
PARAMETER
Power Supply Voltage
SYMBOL
RATINGS
UNITS
−20
Input Voltage
Output Voltage
Input Diode Current
Output Diode Current
VCC, GND Current
VCC
VIN
VOUT
IIK
IOK
ICC, IGND
−0.5∼+6.0
−0.5∼+6.0
−0.5∼VCC+0.5
±20
±50
mA
mA
mA
Ta=−40℃∼85℃
Switch Output Current
IOUT
±25
mA
Storage Temperature
Tstg
−65∼+150
Power Dissipation (Ta=25℃)
Pd
300
mW
Note : Voltage is all Ground standardized.
13S_08XC74WL(34AASR) 02.09.12 15:56 ページ 910




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
XC74WL126ASRCMOS Logic Dual Bus Buffer 1 2 3 4 5 Torex Semiconductor
XC74WL241ASRCMOS Logic Dual Bus Buffer 1 2 3 4 5 Torex Semiconductor
HD74LV2GT125ADual Bus Buffer with 3-state Output / CMOS Logic Level Shifter 1 2 3 4 5 MoreRenesas Technology Corp
XC74WL125ASRXC74WL125ASR is Dual Bus Buffer manufactured using silicon gate CMOS processes 1 2 3 4 5 Torex Semiconductor
HD74LV2GT245ADual Bus Transceivers with 3-state Outputs / CMOS Logic Level Shifter 1 2 3 4 5 MoreRenesas Technology Corp
TC7WH126FUDUAL BUS BUFFER 1 2 3 4 5 MoreToshiba Semiconductor
CD74HC253High Speed CMOS Logic Dual 4-Input Multiplexer 1 2 3 4 5 MoreTI store
CD74HC4015High Speed CMOS Logic Dual 4-Stage Static Shift Register 1 2 3 4 5 MoreTI store
XC74WL86AASRCMOS Logic Dual 2-input Exclusive OR Gate 1 2 3 Torex Semiconductor
KIC7W126FKSILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT DUAL BUS BUFFER 1 2 3 KEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl