Electronic Components Datasheet Search |
|
MSK5175-12 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation |
|
MSK5175-12 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation |
2 / 5 page Output Current Limit Output Noise Shutdown Output Current Flag Output Leakage Flag Output On Voltage Flag Threshold Reference Voltage Reference Voltage Temp Drift Adjust Pin Bias Current Thermal Resistance Thermal Shutdown Max. ±1.0 ±2.0 200 600 ±1.0 ±2.0 ±0.5 ±1.0 15 75 - - - 0.8 75 2 20 2 0.4 - 1.26 - 120 1.3 - Output Voltage Tolerance Dropout Voltage Load Regulation Line Regulation Ground Current Enable Input Voltage Enable Input Current Storage Temperature Range Lead Temperature (10 Seconds Soldering) Operating Temperature MSK 5175 Series MSK 5175B Series ∆VOUT=-1%; IOUT=250m A ∆VOUT=-1%; IOUT=7.5A VIN=VOUT+5V 10mA ≤ IOUT ≤ 7.5A (VOUT +1V) ≤ VIN ≤ 26V IOUT=10mA VOUT=0V; VIN=VOUT+1V VIN=VOUT+1V; IOUT=4A VIN=VOUT+1V; IOUT=7.5A CL=33µF; 10Hz ≤ f ≤ 100KHz VENABLE ≤ 0.8V VOH=26V IOL ≤ 250µA; VIN=VOUT-2V VIN=VOUT-7% Normal Operation Normal Operation Full Temp; VIN=VOUT+1V Junction to Case TJ Input Voltage (100mS 1%D.C.) Input Voltage Enable Voltage Output Current Adjustable +3.3V +5.0V +12.0V VINP VIN VEN IOUT Parameter TST TLD TJ ELECTRICAL SPECIFICATIONS ABSOLUTE MAXIMUM RATINGS -65°C to +150°C 300°C -40°C to +85°C -55°C to +125°C 1 Test Conditions 1 2 3 4 5 6 7 8 9 NOTES: Output decoupled to ground using 33µF minimum capacitor unless otherwise specified. This parameter is guaranteed by design but need not be tested. Typical parameters are representative of actual device performance but are for reference only. All output parameters are tested using a low duty cycle pulse to maintain TJ = TC. Industrial grade devices shall be tested to subgroup 1 unless otherwise specified. Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2 and 3. Subgroup 1 Subgroup 2 Subgroup 3 Please consult the factory if alternate output voltages are required. Applies to MSK5175-00 adjustable version only. Applies to fixed output devices only. PART NUMBER OUTPUT VOLTAGE TC=+25°C TJ=+125°C TA=-55°C MSK5175-00 MSK5175-3.3 MSK5175-5.0 MSK5175-12 HIGH/ON LOW/OFF HIGH/ON LOW/OFF MSK 5175B SERIES Min. - - - - - - - - - - - - 2.4 - - - - - - - 1.22 - - - - Typ. ±0.5 ±1.0 80 425 ±0.2 ±0.3 ±0.05 ±0.5 9.5 35 120 260 1.2 1.2 20 1 10 0.01 0.2 75 1.24 20 40 0.9 135 Typ. ±0.5 - 80 425 ±0.2 ±0.3 ±0.05 ±0.5 9.5 35 120 260 1.2 1.2 20 1 10 0.01 0.2 75 1.24 20 40 0.9 135 MSK 5175 SERIES Min. - - - - - - - - - - - - 2.4 - - - - - - - 1.22 - - - - Max. ±1.0 - 225 625 ±1.2 - ±0.6 - 15 80 - - - 0.8 75 2 20 2 0.4 - 1.26 - 150 1.5 - Units 2 2 2 2 8 2 8 8 2 9 9 2 9 2 3 GroupA Subgroup 1 2,3 1 1 1 2,3 1 2,3 - - - - 1 1 1 1 - - 1 - 1 - - - - 2 IOUT=10mA; VIN=VOUT+1V 2 -20V to +60V 26V -0.3V to 26V 8A 2 2 2 2 % % mV mV % % % % A mA mA µV V V µA µA µA µA V mV V ppm/°C nA °C/W °C 2 Rev. C 7/00 |
Similar Part No. - MSK5175-12 |
|
Similar Description - MSK5175-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |