Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D3225K-20 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # 3D3225K-20
Description  MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D3225)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3225K-20 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  3D3225K-20 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3225K-20 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3225K-20 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3225K-20 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3D3225
Doc #05003
DATA DELAY DEVICES, INC.
3
12/22/05
3 Mt. Prospect Ave. Clifton, NJ 07013
APPLICATION NOTES (CONT’D)
custom reference designator identifying the
intended frequency and duty cycle of operation.
The programmed delay accuracy of the device is
guaranteed, therefore, only for the user specified
input characteristics. Small input pulse width
variation about the selected pulse width will only
marginally impact the programmed delay
accuracy, if at all. Nevertheless, it is strongly
recommended that the engineering staff at DATA
DELAY DEVICES be consulted.
POWER SUPPLY AND
TEMPERATURE CONSIDERATIONS
The delay of CMOS integrated circuits is strongly
dependent on power supply and temperature.
The monolithic 3D3225 programmable delay line
utilizes novel and innovative compensation
circuitry to minimize the delay variations induced
by fluctuations in power supply and/or
temperature.
The thermal coefficient is reduced to 250 PPM/C,
which is equivalent to a variation, over the -40C
to 85C operating range, of
±2% from the room-
temperature delay settings and/or 1.0ns,
whichever is greater. The power supply
coefficient is reduced, over the 3.0V-3.6V
operating range, to
±1% of the delay settings at
the nominal 3.3VDC power supply and/or 1.0ns,
whichever is greater. It is essential that the
power supply pin be adequately bypassed
and filtered. In addition, the power bus
should be of as low an impedance
construction as possible. Power planes are
preferred.
DEVICE SPECIFICATIONS
TABLE 2: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Input Pin Current
IIN
-1.0
1.0
mA
25C
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 3: DC ELECTRICAL CHARACTERISTICS
(-40C to 85C, 3.0V to 3.6V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Static Supply Current*
IDD
3.5
5.5
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
1.0
µA
VIH = VDD
Low Level Input Current
IIL
1.0
µA
VIL = 0V
High Level Output
Current
IOH
-15.0
-4.0
mA
VDD = 3.0V
VOH = 2.4V
Low Level Output Current
IOL
4.0
15.0
mA
VDD = 3.0V
VOL = 0.4V
Output Rise & Fall Time
TR & TF
2.0
2.5
ns
CLD = 5 pf
*IDD(Dynamic) = 5 * CLD * VDD * F
Input Capacitance = 10 pf typical
where: CLD = Average capacitance load/tap (pf)
Output Load Capacitance (CLD) = 25 pf max
F = Input frequency (GHz)


Similar Part No. - 3D3225K-20

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3225K-20 DATADELAY-3D3225K-20 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D3225K-200 DATADELAY-3D3225K-200 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
More results

Similar Description - 3D3225K-20

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D7205 DATADELAY-3D7205 Datasheet
256Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D7225 DATADELAY-3D7225 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7225)
3D7105 DATADELAY-3D7105 Datasheet
42Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
logo
Data Delay Devices, Inc...
3D3215 DATADELAY-3D3215 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
3D7215 DATADELAY-3D7215 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
3D7110 DATADELAY-3D7110 Datasheet
233Kb / 5P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)
3D7010 DATADELAY-3D7010 Datasheet
253Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7010)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com