Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703-Q6235 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # Q62703-Q6235
Description  Power TOPLED짰 Enhanced optical Power LED (ATON짰)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q62703-Q6235 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button Q62703-Q6235 Datasheet HTML 5Page - OSRAM GmbH Q62703-Q6235 Datasheet HTML 6Page - OSRAM GmbH Q62703-Q6235 Datasheet HTML 7Page - OSRAM GmbH Q62703-Q6235 Datasheet HTML 8Page - OSRAM GmbH Q62703-Q6235 Datasheet HTML 9Page - OSRAM GmbH Q62703-Q6235 Datasheet HTML 10Page - OSRAM GmbH Q62703-Q6235 Datasheet HTML 11Page - OSRAM GmbH Q62703-Q6235 Datasheet HTML 12Page - OSRAM GmbH Q62703-Q6235 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LB E67C, LV E67C, LT E67C
2002-07-17
9
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
LB
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
LT / LV
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
LB
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
LT / LV
OHL01578
10
-5
F
I
T
P
t
=
D
P
t
T
p
t
F
I
0.005
0.01
0.02
0.05
D =
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
0.5
0.2
0.05
0.10
0.15
0.20
0.30
0.1
0.25
OHL01583
10
-5
F
I
P
t
T
p
t
F
I
0.005
0.01
0.02
0.05
D =
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
0.5
0.05
0.10
0.15
0.20
0.30
0.2
0.1
D =
T
t
P
0.25
OHL01579
10
-5
F
I
T
P
t
=
D
P
t
T
p
t
F
I
0.005
0.01
0.02
0.05
0.1
D =
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
0.5
0.05
0.10
0.15
0.20
0.30
0.2
0.25
OHL01584
10
-5
F
I
T
P
t
=
D
P
t
T
F
I
0.005
0.01
0.02
0.05
D =
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
0.5
0.05
0.10
0.15
0.20
0.30
0.2
0.1
0.25


Similar Part No. - Q62703-Q6235

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q62703-Q6103 ETC-Q62703-Q6103 Datasheet
141Kb / 13P
   Power TOPLED Hyper-Bright LED
Q62703-Q6104 ETC-Q62703-Q6104 Datasheet
141Kb / 13P
   Power TOPLED Hyper-Bright LED
logo
OSRAM GmbH
Q62703-Q6139 OSRAM-Q62703-Q6139 Datasheet
157Kb / 14P
   Micro SIDELED White Hyper-Bright LED
logo
Siemens Semiconductor G...
Q62703-Q67 SIEMENS-Q62703-Q67 Datasheet
36Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
More results

Similar Description - Q62703-Q6235

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE63C-T2V2-35-Z OSRAM-LBE63C-T2V2-35-Z Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LATBT66B OSRAM-LATBT66B Datasheet
187Kb / 18P
   Enhanced optical Power LED (HOP2000 / ATON짰)
LWT67C OSRAM-LWT67C Datasheet
525Kb / 16P
   Hyper TOPLED짰 Enhanced optical Power LED
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com