Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVE67C-S2T2-35 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LVE67C-S2T2-35
Description  Power TOPLED짰 Enhanced optical Power LED (ATON짰)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVE67C-S2T2-35 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LVE67C-S2T2-35 Datasheet HTML 4Page - OSRAM GmbH LVE67C-S2T2-35 Datasheet HTML 5Page - OSRAM GmbH LVE67C-S2T2-35 Datasheet HTML 6Page - OSRAM GmbH LVE67C-S2T2-35 Datasheet HTML 7Page - OSRAM GmbH LVE67C-S2T2-35 Datasheet HTML 8Page - OSRAM GmbH LVE67C-S2T2-35 Datasheet HTML 9Page - OSRAM GmbH LVE67C-S2T2-35 Datasheet HTML 10Page - OSRAM GmbH LVE67C-S2T2-35 Datasheet HTML 11Page - OSRAM GmbH LVE67C-S2T2-35 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LB E67C, LV E67C, LT E67C
2002-07-17
8
Relative Lichtstärke
I
V/IV(25 °C) = f (TA)
Relative Luminous Intensity
I
F = 30 mA
Dominante Wellenlänge
λ
dom = f (IF)
Dominant Wavelength
LV
, T
A = 25 °C
Dominante Wellenlänge
λ
dom = f (IF)
Dominant Wavelength
LB
, T
A = 25 °C
Dominante Wellenlänge
λ
dom = f (IF)
Dominant Wavelength
LT
, T
A = 25 °C
OHL01637
-20
0
V(25 ˚C)
A
T
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
˚C 100
IV
I
OHL10198
498
dom
λ
0
mA
nm
20
40
60
80
120
500
502
504
506
508
510
512
I
OHL10196
467
dom
λ
0
mA
nm
20
40
60
80
120
468
469
470
471
472
473
474
I
OHL00199
521
dom
λ
0
F
10
20
30
40 mA 50
523
525
527
529
531
533
535
537
nm
541
true green
539


Similar Part No. - LVE67C-S2T2-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LVE63C-ABCA-35 OSRAM-LVE63C-ABCA-35 Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LVE63C-ABCA-35 OSRAM-LVE63C-ABCA-35 Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LVE63C-ABDA-35 OSRAM-LVE63C-ABDA-35 Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LVE63C-BBDA-35 OSRAM-LVE63C-BBDA-35 Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LVE63C-V2AB-35 OSRAM-LVE63C-V2AB-35 Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
More results

Similar Description - LVE67C-S2T2-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE63C-T2V2-35-Z OSRAM-LBE63C-T2V2-35-Z Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LATBT66B OSRAM-LATBT66B Datasheet
187Kb / 18P
   Enhanced optical Power LED (HOP2000 / ATON짰)
LWT67C OSRAM-LWT67C Datasheet
525Kb / 16P
   Hyper TOPLED짰 Enhanced optical Power LED
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com