Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL4CS231 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AL4CS231
Description  Synchronous FIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL4CS231 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AL4CS231 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
December 14, 2001
4
1.0 Description
The AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251 series memory products are high-
performance, low-power 9-bit read/write FIFO (First-In-First-Out) memory chips. They are
specially designed to buffer high speed streaming data for a wide range of communication
applications, such as optical disk controllers, Local Area Networks (LANs), SONET (Synchronous
Optical Network).
The input data is synchronous with a free-running clock (WCLK), and input-enable pins (/WEN1,
/WEN2). Data is written into the FIFO on every clock when enable pins are asserted. The output is
synchronous with the other free-running clock (RCLK) and enables (/REN1, /REN2).
An Output
Enable pin (/OE) is provided at the read port for tri-state control of the output port. The FIFOs can
output two fixed flags, Empty Flag( /EF) and Full Flag (/FF), and two programmable flags, Almost-
Empty (/PAE) and Almost-Full (/PAF). The offsets of the /PAE and /PAF flags are loaded when
Load pin (/LD) goes low.
2.0 Features
• 512 x9-bit cell array (AL4CS211)
• 1,024 x9-bit cell array (AL4CS221)
• 2,048 x9-bit cell array (AL4CS231)
• 4,096 x9-bit cell array (AL4CS241)
• 8,192 x9-bit cell array (AL4CS251)
• 100/133 MHz Operation
• 10/7.5 ns read/write cycle time
• Independent Read and Write operations
• Empty and Full flags support
• Programmable Almost-Empty and
Almost-Full flags
• Output enable (data skipping)
• 3.3V power supply with 5V tolerant
• Available in a 32-pin Thin Quad Flat
Pack (TQFP) and 32-pin plastic
leaded chip carrier (PLCC) packages
3.0 Applications
• Routers
• ATM switches
• Cable modems
• Wireless base stations
• SONET(Synchronous Optical Network) multiplexers
• Multimedia systems
• Time base correction (TBC)


Similar Part No. - AL4CS231

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS231 AVERLOGIC-AL4CS231 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
More results

Similar Description - AL4CS231

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
logo
Nippon Precision Circui...
SM5838AS NPC-SM5838AS Datasheet
160Kb / 14P
   5120 X 8-bit Synchronous FIFO
logo
NXP Semiconductors
74F224 PHILIPS-74F224 Datasheet
18Kb / 1P
   16 횞 4 Synchronous FIFO 3-State
September 7, 1990
logo
Cypress Semiconductor
CY7C43642 CYPRESS-CY7C43642 Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Cypress Semiconductor
CY7C43642AV CYPRESS-CY7C43642AV Datasheet
482Kb / 30P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43644 CYPRESS-CY7C43644 Datasheet
651Kb / 39P
   1K/4K x36 x2 Bidirectional Synchronous FIFO with Bus Matching
logo
Actel Corporation
MC-ACT-UL3LINK-NET ACTEL-MC-ACT-UL3LINK-NET Datasheet
270Kb / 5P
   Function compatible with ATM Forum Asynchronous/synchronous FIFO using RAM
logo
Cypress Semiconductor
CY7C43643 CYPRESS-CY7C43643 Datasheet
487Kb / 29P
   1K/4K/16K x36 Unidirectional Synchronous FIFO with Bus Matching
logo
A1 PROs co., Ltd.
EI16C550 A1PROS-EI16C550 Datasheet
51Kb / 2P
   FIFO UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com