Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM4681 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM4681
Description  10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 6 page
background image
I
2C/SPI Interface Controls
B7
B6
B5
B4
B3
B2
B1
B0
I
2C
Address
1101
1
0
ADR
0
Mode
Control
Register
0X0X
X
X
0
Mute
Active
0
Shutdown
Active
Volume
Control
Register
(See
Table 4 )
1
0
0
V4
V3
V2
V1
V0
Headphone Control
HP Sense Pin (HPSEL, pin 22)
Output Stage Configuration
0
Class D Amps Active
1(V
DD)
Class D Amps inactive
Logic Controls
Logic Level (SEL, pin 21)
I
2C/SPI Select
0I
2C mode
1
SPI mode
www.national.com
6




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM468210 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4865750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch 1 2 3 4 5 MoreNational Semiconductor (TI)
TPA6010A4STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
LM4875750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch 1 2 3 4 5 MoreNational Semiconductor (TI)
APA4838Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain 1 2 3 4 5 MoreAnpec Electronics Coropration
LM46632 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
TPA0232STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA0242STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
APA4835Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain 1 2 3 4 5 MoreAnpec Electronics Coropration
LM4836Stereo 2W Audio Power Amplifiers with DC Volume Control Bass Boost and Input Mux 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl