Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7658 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7658
Description  250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7658 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7658 Datasheet HTML 6Page - Analog Devices AD7658 Datasheet HTML 7Page - Analog Devices AD7658 Datasheet HTML 8Page - Analog Devices AD7658 Datasheet HTML 9Page - Analog Devices AD7658 Datasheet HTML 10Page - Analog Devices AD7658 Datasheet HTML 11Page - Analog Devices AD7658 Datasheet HTML 12Page - Analog Devices AD7658 Datasheet HTML 13Page - Analog Devices AD7658 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AD7658/AD7657/AD7656
Preliminary Technical Data
Rev. PrI | Page 10 of 25
ABSOLUTE MAXIMUM RATINGS
Table 5. TA = 25°C, unless otherwise noted
Parameter
Rating
VDD to AGND, DGND
-0.3 V to +16.5 V
VSS to AGND, DGND
+0.3 V to –16.5 V
VCC to AGND, DGND
-0.3V to +7V
VDRIVE to VCC
-0.3 V to VCC + 0.3V
AGND to DGND
-0.3 V to +0.3 V
VDRIVE to DVDD
-0.3 V to DVDD + 0.3V
Analog Input Voltage to AGND
VSS – 0.5V to VDD + 0.5V
Digital Input Voltage to DGND
-0.3 V to VDRIVE +0.3 V
Digital Output Voltage to GND
-0.3 V to VDRIVE +0.3V
REFIN to AGND
-0.3 V to VCC +0.3V
Input Current to Any Pin Except Supplies2
±10mA
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-65°C to +150°C
Junction Temperature
+150°C
64-LQFP Package, Power Dissipation
θJA Thermal Impedance
TBD°C/W
θJC Thermal Impedance
TBD°C/W
Pb-free Temperature, Soldering
Reflow
260(+0)°C
ESD
TBD kV
1Transient currents of up to 100 mA will not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD7658

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7658 AD-AD7658 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7658 AD-AD7658 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7658-1 AD-AD7658-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7658-1 AD-AD7658-1_15 Datasheet
716Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7658BSTZ AD-AD7658BSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
More results

Similar Description - AD7658

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com