Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D7314-30 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 3D7314-30
Description  MONOLITHIC QUADRUPLE FIXED DELAY LINE (SERIES 3D7314)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7314-30 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  3D7314-30 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7314-30 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7314-30 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7314-30 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3D7314
MONOLITHIC QUADRUPLE
FIXED DELAY LINE
(SERIES 3D7314)
FEATURES
All-silicon, low-power CMOS technology
TTL/CMOS compatible inputs and outputs
Vapor phase, IR and wave solderable
Auto-insertable (DIP pkg.)
Low ground bounce noise
Leading- and trailing-edge accuracy
Delay range: 10 through 500ns
Delay tolerance: 2% or 1.0ns
Temperature stability:
±1% typical (0C-70C)
Vdd stability:
±1% typical (4.75V-5.25V)
Minimum input pulse width: 20% of total delay
Static Idd: 1.3ma typical
Minimum input pulse width: 25% of total delay
FUNCTIONAL DESCRIPTION
The 3D7314 Quadruple Delay Line product family consists of fixed-
delay CMOS integrated circuits. Each package contains four matched,
independent delay lines. Delay values can range from 10ns through
500ns. The input is reproduced at the output without inversion, shifted
in time as per the user-specified dash number. The 3D7314 is TTL-
and CMOS-compatible, capable of driving ten 74LS-type loads, and
features both rising- and falling-edge accuracy.
The all-CMOS 3D7314 integrated circuit has been designed as a
reliable, economic alternative to hybrid TTL fixed delay lines. It is
offered in a standard 14-pin auto-insertable DIP and a space saving
surface mount 14-pin SOIC.
PACKAGES
14
13
12
11
10
9
8
1
2
3
4
5
6
7
I1
N/C
I2
I3
I4
N/C
GND
VDD
N/C
O1
N/C
O2
O3
O4
3D7314-xx
DIP
3D7314G-xx Gull-Wing
1
2
3
4
5
6
7
14
13
12
11
10
9
8
I1
N/C
I2
I3
I4
N/C
GND
VDD
N/C
O1
N/C
O2
O3
O4
3D7314D-xx
SOIC
(150 Mil)
PIN DESCRIPTIONS
I1
Delay Line 1 Input
I2
Delay Line 2 Input
I3
Delay Line 3 Input
I4
Delay Line 4 Input
O1
Delay Line 1 Output
O2
Delay Line 2 Output
O3
Delay Line 3 Output
O4
Delay Line 4 Output
VDD
+5 Volts
GND
Ground
N/C
No Connection
TABLE 1: PART NUMBER SPECIFICATIONS
PART NUMBER
DELAY
INPUT RESTRICTIONS
DIP-14
3D7314
DIP-14
3D7314G
SOIC-14
3D7314D
PER LINE
(ns)
Max Operating
Frequency
Absolute Max
Oper. Freq.
Min Operating
Pulse Width
Absolute Min
Oper. P.W.
-10
-10
-10
10
± 1.0
33.3 MHz
100.0 MHz
15.0 ns
5.0 ns
-15
-15
-15
15
± 1.0
22.2 MHz
100.0 MHz
22.5 ns
5.0 ns
-20
-20
-20
20
± 1.0
16.7 MHz
100.0 MHz
30.0 ns
5.0 ns
-25
-25
-25
25
± 1.0
13.3 MHz
83.3 MHz
37.5 ns
6.0 ns
-30
-30
-30
30
± 1.0
11.1 MHz
71.4 MHz
45.0 ns
7.0 ns
-40
-40
-40
40
± 1.0
8.33 MHz
62.5 MHz
60.0 ns
8.0 ns
-50
-50
-50
50
± 1.0
6.67 MHz
50.0 MHz
75.0 ns
10.0 ns
-100
-100
-100
100
± 2.0
3.33 MHz
25.0 MHz
150.0 ns
20.0 ns
-200
-200
-200
200
± 4.0
1.67 MHz
12.5 MHz
300.0 ns
40.0 ns
-300
-300
-300
300
± 6.0
1.11 MHz
8.33 MHz
450.0 ns
60.0 ns
-400
-400
-400
400
± 8.0
0.83 MHz
6.25 MHz
600.0 ns
80.0 ns
-500
-500
-500
500
± 10.0
0.67 MHz
5.00 MHz
750.0 ns
100.0 ns
NOTES: Any delay between 10 and 500 ns not shown is also available.
2003 Data Delay Devices
For mechanical dimensions, click
here.
For package marking details, click
here.
Doc #03005
DATA DELAY DEVICES, INC.
1
12/8/03
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 3D7314-30

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7303 DATADELAY-3D7303 Datasheet
39Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
3D7303-10 DATADELAY-3D7303-10 Datasheet
39Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
3D7303-100 DATADELAY-3D7303-100 Datasheet
39Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
3D7303-15 DATADELAY-3D7303-15 Datasheet
39Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
3D7303-20 DATADELAY-3D7303-20 Datasheet
39Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
More results

Similar Description - 3D7314-30

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7324 DATADELAY-3D7324 Datasheet
257Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D3324 DATADELAY-3D3324 Datasheet
243Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7304 DATADELAY-3D7304 Datasheet
39Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7303 DATADELAY-3D7303 Datasheet
39Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
3D7323 DATADELAY-3D7323 Datasheet
256Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
3D3323 DATADELAY-3D3323 Datasheet
241Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
3D3314 DATADELAY-3D3314 Datasheet
246Kb / 5P
   MONOLITHIC QUAD FIXED DELAY LINE (SERIES 3D3314)
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D7205 DATADELAY-3D7205 Datasheet
256Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com