Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D7418-0.5 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 3D7418-0.5
Description  MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7418 - LOW NOISE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7418-0.5 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  3D7418-0.5 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7418-0.5 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7418-0.5 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7418-0.5 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7418-0.5 Datasheet HTML 5Page - Data Delay Devices, Inc. 3D7418-0.5 Datasheet HTML 6Page - Data Delay Devices, Inc. 3D7418-0.5 Datasheet HTML 7Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3D7418
MONOLITHIC 8-BIT
PROGRAMMABLE DELAY LINE
(SERIES 3D7418 – LOW NOISE)
FEATURES
All-silicon, low-power CMOS technology
TTL/CMOS compatible inputs and outputs
Vapor phase, IR and wave solderable
Auto-insertable (DIP pkg.)
Low ground bounce noise
Leading- and trailing-edge accuracy
Increment range: 0.25 through 5.0ns
Delay tolerance: 1% (See Table 1)
Temperature stability:
±3% typical (0C-70C)
Vdd stability:
±1% typical (4.75V-5.25V)
Minimum input pulse width: 10% of total
delay
Programmable via 3-wire serial or 8-bit
parallel interface
FUNCTIONAL DESCRIPTION
The 3D7418 Programmable 8-Bit Silicon Delay Line product family
consists of 8-bit, user-programmable CMOS silicon integrated
circuits. Delay values, programmed either via the serial or parallel
interface, can be varied over 255 equal steps ranging from 250ps
to 5.0ns inclusively. Units have a typical inherent (zero step)
delay of 12ns to 17ns (See Table 1). The input is reproduced at
the output without inversion, shifted in time as per user selection.
The 3D7418 is TTL- and CMOS-compatible, capable of driving ten
74LS-type loads, and features both rising- and falling-edge
accuracy.
The all-CMOS 3D7418 integrated circuit has been designed as a reliable, economic alternative to hybrid
TTL programmable delay lines. It is offered in a standard 16-pin auto-insertable DIP and a space saving
surface mount 16-pin SOIC.
PACKAGES
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN
AE
SO/P0
P1
P2
P3
P4
GND
VDD
OUT
MD
P7
P6
SC
P5
SI
3D7418
DIP
3D7418G Gull Wing
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN
AE
SO/P0
P1
P2
P3
P4
GND
VDD
OUT
MD
P7
P6
SC
P5
SI
3D7418S SOL
(300 Mil)
PIN DESCRIPTIONS
IN
Signal Input
OUT
Signal Output
MD
Mode Select
AE
Address Enable
P0-P7 Parallel Data Input
SC
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
VDD
+5 Volts
GND
Ground
TABLE 1: PART NUMBER SPECIFICATIONS
PART
DELAYS AND TOLERANCES
INPUT RESTRICTIONS
NUMBER
Step 0
Delay (ns)
Step 255
Delay (ns)
Delay
Increment (ns)
Max Operating
Frequency
Absolute Max
Oper Freq
Min Operating
P.W.
Absolute Min
Oper P.W.
3D7418-0.25
12
± 2
75.75
± 4.0
0.25
± 0.15
6.25 MHz
90 MHz
80.0 ns
5.5 ns
3D7418-0.5
12
± 2
139.5
± 4.0
0.50
± 0.25
3.15 MHz
45 MHz
160.0 ns
11.0 ns
3D7418-1
12
± 2
267.0
± 5.0
1.00
± 0.50
1.56 MHz
22 MHz
320.0 ns
22.0 ns
3D7418-2
14
± 2
522.0
± 6.0
2.00
± 1.00
0.78 MHz
11 MHz
640.0 ns
44.0 ns
3D7418-3
17
± 2
782.0
± 8.0
3.00
± 1.50
0.52 MHz
7.5 MHz
960.0 ns
66.0 ns
3D7418-4
17
± 2
1037
± 9.0
4.00
± 2.00
0.39 MHz
5.5 MHz
1280.0 ns
88.0 ns
3D7418-5
17
± 2
1292
± 10
5.00
± 2.50
0.31 MHz
4.4 MHz
1600.0 ns
110.0 ns
NOTES: Any delay increment between 0.25 and 5.0 ns not shown is also available.
All delays referenced to input pin
2002 Data Delay Devices
For mechanical dimensions, click
here.
Doc #02005
DATA DELAY DEVICES, INC.
1
6/17/02
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 3D7418-0.5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-0.25 DATADELAY-3D7408-0.25 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-0.5 DATADELAY-3D7408-0.5 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-1 DATADELAY-3D7408-1 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-2 DATADELAY-3D7408-2 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
More results

Similar Description - 3D7418-0.5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3418 DATADELAY-3D3418 Datasheet
408Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D7438 DATADELAY-3D7438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3438 DATADELAY-3D3438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com