Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T20118L7BB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72T20118L7BB
Description  2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T20118L7BB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72T20118L7BB Datasheet HTML 1Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 2Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 3Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 4Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 5Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 6Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 7Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 8Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
3
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72T2098/108/118/128 2.5V HIGH-SPEED TeraSync™ DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATIONS
32K x 20/64K x 10, 64K x 20/128K x 10, 128K x 20/256K x 10, 256K x 20/512K x 10
DESCRIPTION:
TheIDT72T2098/72T20108/72T20118/72T20128areexceptionallydeep,
extremelyhighspeed,CMOSFirst-In-First-Out(FIFO)memorieswiththeability
to read and write data on both rising and falling edges of clock. The device has
aflexiblex20/x10Bus-MatchingmodeandtheoptiontoselectSingleorDouble
Data clock rates for input and output ports. These FIFOs offer several key user
benefits:
Flexible x20/x10 Bus-Matching on both read and write ports
Ability to read and write on both rising and falling edges of a clock
User selectable Single or Double Data Rate of input and output ports
A user selectable MARK location for retransmit
User selectable I/O structure for HSTL or LVTTL
Thefirstworddatalatencyperiod,fromthetimethefirstwordiswrittento
an empty FIFO to the time it can be read, is fixed and short.
High density offerings up to 5Mbit
High speed operation of up to 250MHz
Bus-Matching Double Data Rate FIFOs are particularly appropriate for
network,video,telecommunications,datacommunicationsandotherapplica-
tions that require fast data transfer on both rising and falling edges of the clock.
This is a great alternative to increasing data rate without extending the width of
the bus or the speed of the device. They are also effective in applications that
need to buffer large amounts of data and match busses of unequal sizes.
Each FIFO has a data input port (Dn) and a data output port (Qn), both of
which can assume either a 20-bit or a 10-bit width as determined by the state
of external control pins Input Width (IW), Output Width (OW) during the Master
Reset cycle.
TheinputportiscontrolledbyaWriteClock(WCLK)inputandaWriteEnable
(
WEN) input. Data present on the Dn data inputs can be written into the FIFO
on every rising and falling edge of WCLK when
WEN is asserted and Write
Single Data Rate (
WSDR) pin held HIGH. Data can be selected to write only
on the rising edges of WCLK if
WSDR isasserted.Toguaranteefunctionality
of the device,
WEN must be a controlled signal and not tied to ground. This is
importantbecause
WENmustbeHIGHduringthetimewhentheMasterReset
(
MRS) pulse is LOW. In addition, the WSDR pin must be tied HIGH or LOW.
It is not a controlled signal and cannot be changed during FIFO operation.
WriteoperationscanbeselectedforeitherSingleorDoubleDataRatemode.
For Single Data Rate operation, writing into the FIFO requires the Write Single
Data Rate (
WSDR)pintobeasserted. DatawillbewrittenintotheFIFOonthe
rising edge of WCLK when the Write Enable (
WEN) is asserted. For Double
Data Rate operations, writing into the FIFO requires
WSDRtobedeasserted.
Data will be written into the FIFO on both rising and falling edge of WCLK when
WEN isasserted.
The output port is controlled by a Read Clock (RCLK) input and a Read
Enable(
REN)input. DataisreadfromtheFIFOoneveryrisingandfallingedge
of RCLK when
RENis asserted and Read Single Data Rate (RSDR) pin held
HIGH. Data can be selected to read only on the rising edges of RCLK if
RSDR
isasserted. Toguaranteefunctionalityofthedevice,
RENmustbeacontrolled
signal and not tied to ground. This is important because
REN must be HIGH
during the time when the Master Reset (
MRS) pulse is LOW. In addition, the
RSDR pin must be tied HIGH or LOW. It is not a controlled signal and cannot
be changed during FIFO operation.
ReadoperationscanbeselectedforeitherSingleorDoubleDataRatemode.
Similartothewriteoperations,readingfromtheFIFOinsingledataraterequires
the Read Single Data Rate (
RSDR)pintobeasserted. Datawillbereadfrom
the FIFO on the rising edge of RCLK when the Read Enable (
REN)isasserted.
For Double Data Rate operations, reading into the FIFO requires
RSDR tobe
deasserted. Data will be read out of the FIFO on both rising and falling edge
of RCLK when and
REN is asserted.
Boththeinputandoutputport canbeselectedforeither2.5V LVTTL orHSTL
operation. This can be achieved by tying the HSTL signal LOW for LVTTL or
HIGHforHSTLvoltageoperation. WhenthereadportissetupforHSTLmode,
theReadChipSelect(
RCS)inputalsohasthebenefitofdisablingthereadport
inputs, providing additional power savings.
Thereistheoptionofselectingdifferentdataratesontheinputandoutputports
ofthedevice. Thereareatotaloffourcombinationstochoosefrom,DoubleData
Rate to Double Data Rate (DDR to DDR), DDR to Single Data Rate (DDR to
SDR), SDR to DDR, and SDR to SDR. The clocking can be set up using the
WSDRandRSDRpins. Forexample,tosetuptheinputtooutputcombination
of DDR to SDR,
WSDR will be HIGH and RSDR will be LOW. Read and write
operations are initiated on the rising edge of RCLK and WCLK respectively,
neveronthefallingedge. If
RENorWENisassertedafterarisingedgeofclock,
noreadorwriteoperationswillbepossibleonthefallingedgeofthatsamepulse.
An Output Enable (
OE) input is provided for high-impedance control of the
outputs. A read Chip Select (
RCS) input is also provided for synchronous
enable/disable of the read port control input,
REN. TheRCS inputissynchro-
nized to the read clock, and also provides high-impedance controls to the Qn
data outputs. When
RCS is disabled, REN will be disabled internally and the
data outputs will be in High-Impedance. Unlike the Read Chip Select signal
however,
OEisnotsynchronoustoRCLK.Outputsarehigh-impedanceshortly
after a delay time when the
OEtransitions from LOW to HIGH.
The Echo Read Enable (
EREN) and Echo Read Clock (ERCLK) outputs
areusedtoprovidetightersynchronizationbetweenthedatabeingtransmitted
from the Qn outputs and the data being received by the input device. These
output signals from the read port are required for high-speed data communi-
cations. Datareadfromthereadportisavailableontheoutputbuswithrespect
to
EREN and ERCLK, which is useful when data is being read at high-speed
operations where synchronization is important.
ThefrequenciesofboththeRCLKandWCLKsignalsmayvaryfrom0tofMAX
withcompleteindependence. Therearenorestrictionsonthefrequencyofone
clock input with respect to another.
There are two possible timing modes of operation with these devices: IDT
Standard mode and First Word Fall Through (FWFT) mode.
InIDTStandardmode,thefirstwordwrittentoanemptyFIFOwillnotappear
on the data output lines unless a specific read operation is performed. A read
operation, which consists of activating
RENandenablingarisingRCLKedge,
will shift the word from internal memory to the data output lines. Be aware that
in Double Data Rate (DDR) mode only the IDT Standard mode is available.
In FWFT mode, the first word written to an empty FIFO is clocked directly to
the data output lines after three transitions of RCLK. A read operation does not
have to be performed to access the first word written to the FIFO. However,
subsequent words written to the FIFO do require a LOW on
REN for access.
The state of the FWFT input during Master Reset determines the timing mode
in use.
ForapplicationsrequiringmoredatastoragecapacitythanasingleFIFOcan
provide, the FWFT timing mode permits depth expansion by chaining FIFOs
in series (i.e. the data outputs of one FIFO are connected to the corresponding
data inputs of the next). No external logic is required.
These FIFOs have four flag pins,
EF/OR(EmptyFlagorOutputReady),FF/
IR (Full Flag or Input Ready), PAE (Programmable Almost-Empty flag), and
PAF(ProgrammableAlmost-Fullflag).TheEFandFFfunctionsareselected
in IDT Standard mode. The
IRandORfunctionsareselectedinFWFTmode.
PAE and PAF are always available for use, irrespective of timing mode.
PAEandPAFflagscanbeprogrammedindependentlytoswitchatanypoint
inmemory. Programmableoffsetsmarkthelocationwithintheinternalmemory
that activates the
PAEandPAFflagsandcanonlybeprogrammedserially. To
program the offsets, set
SENactiveanddatacanbeloadedviatheSerialInput


Similar Part No. - IDT72T20118L7BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T18105 ETC2-IDT72T18105 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T18105 IDT-IDT72T18105 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18105 IDT-IDT72T18105 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T18105 RENESAS-IDT72T18105 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T18105L10BB IDT-IDT72T18105L10BB Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results

Similar Description - IDT72T20118L7BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com