Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T2098L7BB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72T2098L7BB
Description  2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T2098L7BB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72T2098L7BB Datasheet HTML 1Page - Integrated Device Technology IDT72T2098L7BB Datasheet HTML 2Page - Integrated Device Technology IDT72T2098L7BB Datasheet HTML 3Page - Integrated Device Technology IDT72T2098L7BB Datasheet HTML 4Page - Integrated Device Technology IDT72T2098L7BB Datasheet HTML 5Page - Integrated Device Technology IDT72T2098L7BB Datasheet HTML 6Page - Integrated Device Technology IDT72T2098L7BB Datasheet HTML 7Page - Integrated Device Technology IDT72T2098L7BB Datasheet HTML 8Page - Integrated Device Technology IDT72T2098L7BB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
1
DECEMBER 2003
DSC-5996/8
 2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The TeraSync is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
2.5 VOLT HIGH-SPEED TeraSync™ DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
32,768 x 20/65,536 x 10,
65,536 x 20/131,072 x 10
131,072 x 20/262,144 x 10,
262,144 x 20/524,288 x 10
IDT72T2098, IDT72T20108
IDT72T20118, IDT72T20128
INPUT REGISTER
OUTPUT REGISTER
RAM ARRAY
32,768 x 20 or 65,536 x 10
65,536 x 20 or 131,072 x 10
131,072 x 20 or 262,144 x 10
262,144 x 20 or 524,288 x 10
FLAG
LOGIC
FF/IR
PAF
EF/OR
PAE
READ POINTER
READ
CONTROL
LOGIC
WRITE CONTROL
LOGIC
WRITE POINTER
RESET
LOGIC
WEN
WCLK
D0 -Dn (x20, x10)
SREN
MRS
REN
RCLK
OE
Q0 -Qn (x20, x10)
OFFSET REGISTER
PRS
FWFT
SEN
RT
5996 drw01
BUS
CONFIGURATION
OW
FSEL0
FSEL1
IW
MARK
SCLK
RCS
JTAG CONTROL
(BOUNDARY SCAN)
TCK
TMS
TDO
TDI
TRST
RSDR
WCS
ERCLK
EREN
HSTL I/0
CONTROL
Vref
HSTL
WSDR
SI
SO
FEATURES:
••••• Choose among the following memory organizations:
IDT72T2098
32,768 x 20/65,536 x 10
IDT72T20108
65,536 x 20/131,072 x 10
IDT72T20118
131,072 x 20/262,144 x 10
IDT72T20128
262,144 x 20/524,288 x 10
Up to 250MHz Operation of Clocks
- 4ns read/write cycle time, 3.2ns access time
Users selectable input port to output port data rates, 500Mb/s
Data Rate
-DDR to DDR
-DDR to SDR
-SDR to DDR
-SDR to SDR
User selectable HSTL or LVTTL I/Os
Read Enable & Read Clock Echo outputs aid high speed operation
••••• 2.5V LVTTL or 1.8V, 1.5V HSTL Port Selectable Input/Ouput voltage
••••• 3.3V Input tolerant
Mark & Retransmit, resets read pointer to user marked position
Write Chip Select (WCS) input enables/disables Write
Operations
Read Chip Select (RCS) synchronous to RCLK
Programmable Almost-Empty and Almost-Full flags, each flag
can default to one of four preselected offsets
Dedicated serial clock input for serial programming of flag offsets
User selectable input and output port bus sizing
-x20 in to x20 out
-x20 in to x10 out
-x10 in to x20 out
-x10 in to x10 out
Auto power down minimizes standby power consumption
Master Reset clears entire FIFO
Partial Reset clears data, but retains programmable settings
Empty and Full flags signal FIFO status
Select IDT Standard timing (using EF and FF flags) or First
Word Fall Through timing (using
OR and IR flags)
Output enable puts data outputs into High-Impedance state
JTAG port, provided for Boundary Scan function
208 Ball Grid array (PBGA), 17mm x 17mm, 1mm pitch
Easily expandable in depth and width
Independent Read and Write Clocks (permit reading and writing
simultaneously)
High-performance submicron CMOS technology
Industrial temperature range (-40
°°°°°C to +85°°°°°C) is available
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - IDT72T2098L7BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T18105 ETC2-IDT72T18105 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T18105 IDT-IDT72T18105 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18105 IDT-IDT72T18105 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T18105 RENESAS-IDT72T18105 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T18105L10BB IDT-IDT72T18105L10BB Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results

Similar Description - IDT72T2098L7BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com