Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD98L62ACV Datasheet(PDF) 9 Page - Exar Corporation

Part # XRD98L62ACV
Description  CCD Image Digitizers with CDS, PGA and 12-Bit A/D
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD98L62ACV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRD98L62ACV Datasheet HTML 5Page - Exar Corporation XRD98L62ACV Datasheet HTML 6Page - Exar Corporation XRD98L62ACV Datasheet HTML 7Page - Exar Corporation XRD98L62ACV Datasheet HTML 8Page - Exar Corporation XRD98L62ACV Datasheet HTML 9Page - Exar Corporation XRD98L62ACV Datasheet HTML 10Page - Exar Corporation XRD98L62ACV Datasheet HTML 11Page - Exar Corporation XRD98L62ACV Datasheet HTML 12Page - Exar Corporation XRD98L62ACV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9
Rev. P2.00
XRD98L62
Preliminary
Serial Interface
The XRD9862 uses a three wire serial interface (LOAD,
SDI & SCLK) to access the programmable features
and controls of the chip. The serial interface uses a 16-
bit shift register. The first 6 bits shifted in are the
address bits, the next 10 bits are the data bits. The
address bits select which of the internal registers will
receive the 10 data bits. The interface will only load
data from the shift register into the register array if there
are exactly 16 rising edges of SCLK while LOAD is low.
If more or less rising edges are present, the data is
discarded. There is no checking of the address bits to
ensure a valid register is written to. If the address bits
select an undefined register, the data will be discarded.
There is a readback function (see Serial Interface
Readback section), which outputs the contents of a
selected register on pins DB[11:2] of the digital output
bus.
SCLK
SDI
LOAD
Time
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
t1
t2
t16
t15
t
L1
t
L2
t
SCLK
t
set
t
hold
MSB
LSB
D8
D9
A5
A4
The following is the procedure for writing to the
serial interface:
1)
Force LOAD pin low to enable shift register.
2)
Shift in 16 bits, 6 address bits (msb first),
followed by 10 data bits (msb first).
3)
Force LOAD pin high to transfer data from the
shift register to the serial interface register
array.
Note: There must be exactly 16 rising edges of
SCLK
while LOAD is low.
Figure 3. Serial Interface Timing Diagram


Similar Part No. - XRD98L62ACV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61AIV EXAR-XRD98L61AIV Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61AIV EXAR-XRD98L61AIV Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
More results

Similar Description - XRD98L62ACV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L63 EXAR-XRD98L63 Datasheet
616Kb / 41P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
logo
Renesas Technology Corp
HD49338NP RENESAS-HD49338NP_15 Datasheet
294Kb / 25P
   CDS/PGA & 12-bit A/D Converter
HD49330AF RENESAS-HD49330AF_15 Datasheet
247Kb / 22P
   CDS/PGA & 12-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com