Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN0545G4 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXMN0545G4
Description  450V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN0545G4 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXMN0545G4 Datasheet HTML 1Page - Zetex Semiconductors ZXMN0545G4 Datasheet HTML 2Page - Zetex Semiconductors ZXMN0545G4 Datasheet HTML 3Page - Zetex Semiconductors ZXMN0545G4 Datasheet HTML 4Page - Zetex Semiconductors ZXMN0545G4 Datasheet HTML 5Page - Zetex Semiconductors ZXMN0545G4 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXMN0545G4
ISSUE 1 - JANUARY 2006
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
450
V
Gate Source Voltage
VGS
20
V
Continuous Drain Current (VGS=10V; Tamb=25°C)
(a)
ID
140
mA
Pulsed Drain Current
(c)
IDM
600
mA
Continuous Source Current (Body Diode)
(b)
IS
140
A
Pulsed Source Current (Body Diode)
(c)
ISM
600
A
Power Dissipation at Tamb=25°C
(a)
Linear derating factor
Ptot
2.0
1.6
W
mW/°C
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)
RθJA
62.5
°C/W
Junction to Ambient
(b)
RθJA
32
°C/W
NOTES:
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
(c) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal Impedance graph.


Similar Part No. - ZXMN0545G4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN0545G4 DIODES-ZXMN0545G4 Datasheet
219Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN0545G4TA DIODES-ZXMN0545G4TA Datasheet
219Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN0545G4TA DIODES-ZXMN0545G4TA Datasheet
517Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN0545G4TC DIODES-ZXMN0545G4TC Datasheet
219Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN0545G4TC DIODES-ZXMN0545G4TC Datasheet
517Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN0545G4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN0545G4 DIODES-ZXMN0545G4_15 Datasheet
517Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN0545G4 DIODES-ZXMN0545G4 Datasheet
219Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
DMGD7N45SSD DIODES-DMGD7N45SSD_15 Datasheet
311Kb / 7P
   450V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMP45H4D9HJ3 DIODES-DMP45H4D9HJ3 Datasheet
462Kb / 7P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP45H4D9HK3 DIODES-DMP45H4D9HK3 Datasheet
395Kb / 7P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP45H21DHE DIODES-DMP45H21DHE Datasheet
609Kb / 7P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP45H150DHE DIODES-DMP45H150DHE Datasheet
529Kb / 6P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
   450V N-Channel MOSFET
FQP6N45 FAIRCHILD-FQP6N45 Datasheet
571Kb / 8P
   450V N-Channel MOSFET
SSM1N45B FAIRCHILD-SSM1N45B Datasheet
639Kb / 8P
   450V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com