Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T20108L4BBI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72T20108L4BBI
Description  2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T20108L4BBI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72T20108L4BBI Datasheet HTML 1Page - Integrated Device Technology IDT72T20108L4BBI Datasheet HTML 2Page - Integrated Device Technology IDT72T20108L4BBI Datasheet HTML 3Page - Integrated Device Technology IDT72T20108L4BBI Datasheet HTML 4Page - Integrated Device Technology IDT72T20108L4BBI Datasheet HTML 5Page - Integrated Device Technology IDT72T20108L4BBI Datasheet HTML 6Page - Integrated Device Technology IDT72T20108L4BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T20108L4BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T20108L4BBI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
5
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72T2098/108/118/128 2.5V HIGH-SPEED TeraSync™ DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATIONS
32K x 20/64K x 10, 64K x 20/128K x 10, 128K x 20/256K x 10, 256K x 20/512K x 10
I W
OW
Write Port Width
Read Port Width
L
L
x20
x20
L
H
x20
x10
H
L
x10
x20
H
H
x10
x10
TABLE 1 — BUS-MATCHING CONFIGURATION MODES
NOTE:
1. Pin status during Master Reset.
Figure 1. Single Device Configuration Signal Flow Diagram
(x20, x10) DATA OUT (Q0 - Qn)
(x20, x10) DATA IN (D0 - Dn)
MASTER RESET (
MRS)
READ CLOCK (RCLK)
READ ENABLE (
REN)
OUTPUT ENABLE (
OE)
EMPTY FLAG/OUTPUT READY (
EF/OR)
PROGRAMMABLE ALMOST-EMPTY (
PAE)
WRITE CLOCK (WCLK)
WRITE ENABLE (
WEN)
WRITE SINGLE DATA RATE (
WSDR)
FULL FLAG/INPUT READY (
FF/IR)
PROGRAMMABLE ALMOST-FULL (
PAF)
IDT
72T2098
72T20108
72T20118
72T20128
PARTIAL RESET (
PRS)
FIRST WORD FALL THROUGH (FWFT)
RETRANSMIT (
RT)
5996 drw03
SERIAL ENABLE(
SEN)
INPUT WIDTH (IW)
OUTPUT WIDTH (OW)
SERIAL CLOCK (SCLK)
MARK
READ CHIP SELECT (
RCS)
RCLK ECHO (ERCLK)
REN ECHO (EREN)
WRITE CHIP SELECT (
WCS)
READ SINGLE DATA RATE (
RSDR)
SERIAL OUTPUT (SO)
SERIAL INPUT (SI)
SERIAL READ ENABLE(
SREN)
WSDR
RSDR
Write Port Width
Read Port Width
H
H
Double Data Rate
Double Data Rate
H
L
Double Data Rate
Single Data Rate
L
H
Single Data Rate
Double Data Rate
L
L
Single Data Rate
Single Data Rate
TABLE 2 — DATA RATE-MATCHING CONFIGURATION MODES
NOTE:
1. Pin status during Master Reset.
2. Data Rate Matching can be used in conjunction with Bus-Matching modes.


Similar Part No. - IDT72T20108L4BBI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T18105 ETC2-IDT72T18105 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T18105 IDT-IDT72T18105 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18105 IDT-IDT72T18105 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T18105 RENESAS-IDT72T18105 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T18105L10BB IDT-IDT72T18105L10BB Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results

Similar Description - IDT72T20108L4BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com